Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6703HDC-2-TRMPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT6703HDC-2-TRMPBF
Description  Micropower, Low Voltage Comparator with 400mV Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703HDC-2-TRMPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6703HDC-2-TRMPBF Datasheet HTML 4Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 5Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 6Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 7Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 8Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 9Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 10Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 11Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT6703-2/LT6703-3
10
670323fa
The LT6703-2/LT6703-3 devices are micropower compara-
tors with a built-in 400mV reference. Features include wide
supply voltage range (1.4V to 18V), Over-The-Top input and
output range, 2% accurate rising input threshold voltage
and 6.5mV typical built-in hysteresis.
Internal Reference
Each comparator has one input available externally. The two
versions of the part differ by the polarity of the available
input (i.e., inverting or noninverting). The other comparator
input is connected internally to the 400mV reference. The
rising input threshold voltage of the comparator is designed
to be equal to that of the reference (i.e., ≈400mV). The
reference voltage is established with respect to the device
GND connection.
Hysteresis
Each comparator has built-in 6.5mV (typical) of hysteresis
to simplify designs, to insure stable operation in the pres-
ence of noise at the inputs, and to reject supply rail noise
that might be induced by state change load transients. The
hysteresis is designed such that the falling input threshold
voltage is nominally 393.5mV. External positive feedback
APPLICATIONS INFORMATION
circuitry can be employed to increase effective hysteresis
if desired, but such circuitry will provide an apparent effect
on both the rising and falling input thresholds (the actual
internal thresholds remain unaffected).
Comparator Input
The comparator input can range from ground to 18V,
regardless of the supply voltage used. The typical input
current for inputs well above the threshold (i.e., >800mV)
is a few pA leaking into the input. With decreasing input
voltage, a small bias current begins to be drawn out of
the input, reaching a few nA when at ground potential.
The input may be forced 100mV below ground without
causing an improper output, though some additional bias
current will begin to flow from the ESD input protection
diode. Inputs driven further negative than 100mV below
ground will not cause damage provided the current is
limited to 10mA.
Comparator Output
The comparator output is open collector and capable of
sinking 40mA typical. Load currents are directed out of
the GND pin of the part. The output off-state voltage may
range between –0.3V and 18V with respect to ground,
regardless of the supply voltage used. As with any open-
collector device, the outputs of multiple comparators may
be tied together to implement wire-AND logic functions.
Power Supplies
The comparator circuitry operates from a single 1.4V
to 18V supply. A minimum 0.1μF bypass capacitor is
required between the VS pin and GND. When an output
load is connected to the supply rail near the part and the
output is sinking more than 5mA, a 1μF bypass capacitor is
recommended. In instances where the supply is relatively
“soft” (such as with small batteries) and susceptible to
load steps, an additional 47Ω series decoupling resistor
can further improve isolation of supply transients from
the VS pin.
THRESHOLD EQUATIONS:
670323 F01
R4
OUT
+IN
GND
VS
LT6703-3
R3
R2
R1
VIN
VOUT
VIN (L TO H) = (400mV) • (R1) •
+
+
)
)
( 1
R1
1
R2
1
R3
VIN (H TO L) = (393mV) • (R1) •
+
+
( 1
R1
1
R2
1
R3 + R4
)
(VS•R1
R3 + R4
Figure 1. Additional Hysteresis Circuit


Similar Part No. - LT6703HDC-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703HDC-2TRMPBF LINER-LT6703HDC-2TRMPBF Datasheet
182Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HDC-2TRPBF LINER-LT6703HDC-2TRPBF Datasheet
182Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703HDC-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com