Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6703HDC-2-TRMPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT6703HDC-2-TRMPBF
Description  Micropower, Low Voltage Comparator with 400mV Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703HDC-2-TRMPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6703HDC-2-TRMPBF Datasheet HTML 4Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 5Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 6Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 7Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 8Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 9Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 10Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 11Page - Linear Technology LT6703HDC-2-TRMPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT6703-2/LT6703-3
9
670323fa
TYPICAL PERFORMANCE CHARACTERISTICS
Output Saturation Voltage
vs Output Sink Current
Output Saturation Voltage
vs Output Sink Current
Output Saturation Voltage
vs Output Sink Current
Output Short-Circuit Current
Output Short-Circuit Current
Output Leakage Current
Propagation Delay
vs Input Overdrive
Rise and Fall Times
vs Output Pull-Up Resistor
Noninverting and Inverting
Comparator Propagation Delay
OUTPUT SINK CURRENT (mA)
100
0.001
0.1
1
10
670323 G19
10
0.01
1000
100
TA = –40°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
OUTPUT SINK CURRENT (mA)
10
100
0.001
0.1
1
10
670323 G20
0.01
1000
100
TA = 25°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
OUTPUT SINK CURRENT (mA)
10
100
0.001
0.1
1
10
670323 G21
0.01
1000
100
TA = 85°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
OUTPUT VOLTAGE (V)
0
40
50
60
670323 G22
30
20
24
16
14
18
6
810
12
10
80
70
0
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
VS = 5V
OUTPUT VOLTAGE (V)
0
40
50
60
670323 G23
30
20
24
16
14
18
6
810
12
10
80
70
0
TA = 25°C
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
OUTPUT VOLTAGE (V)
0.01
0.1
1
10
0
8
10
12
14
16
0.001
246
18
670323 G24
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
VS = 5V
INPUT OVERDRIVE (mV)
0
30
40
50
60
80
670323 G25
20
10
0
20
40
60
100
LH NONINV
HL NONINV
LH INV
HL INV
TA = 25°C
OUTPUT PULL-UP RESISTOR (k
Ω)
0.1
0.01
1
100
1
10
100
1000
670323 G26
0.1
10
VS = 5V
CL = 20pF
TA = 25°C
RISE
FALL
670323 G27
VS = 5V
TA = 25°C
RLOAD = 10k CONNECTED TO VS
VIN(OVERDRIVE) = 10mV OVER THE INPUT
VOLTAGE THRESHOLDS
VO(NINV)
5V/DIV
DC
VO(INV)
5V/DIV
DC
VIN
10mV/DIV
AC
20
μs/DIV


Similar Part No. - LT6703HDC-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703HDC-2TRMPBF LINER-LT6703HDC-2TRMPBF Datasheet
182Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HDC-2TRPBF LINER-LT6703HDC-2TRPBF Datasheet
182Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703HDC-2-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com