Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

871A-TS4-DM Datasheet(PDF) 1 Page - Allen-Bradley

Part # 871A-TS4-DM
Description  Field Attachable Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

871A-TS4-DM Datasheet(HTML) 1 Page - Allen-Bradley

  871A-TS4-DM Datasheet HTML 1Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15-15
Connection Systems
Field Attachable Connectors
Screw Terminal Connector, DC Micro Style
Features
• Field installable
• 4- or 5-pin DC micro style
• Straight or right angle versions
• Screw terminals provide simple and secure installation
• Allows easy modification of existing cable installations
Product Selection
Style
Cable Diameter
mm (inches)
Rating
Face View
Catalogue Number
Female
Male
Female
Male
Straight
4.0-6.0 (0.16-0.24)
250V
4A
871A-TS4-D
871A-TS4-DM
6.0-8.0 (0.24-0.32)
871A-TS4-D1
871A-TS4-DM1
Right Angle
4.0-6.0 (0.16-0.24)
871A-TR4-D
871A-TR4-DM
Straight
6.0-8.0 (0.24-0.32)
871A-TS5-D1
871A-TS5-DM1
Right Angle
871A-TR5-D1
871A-TR5-DM1
4
3
2
1
4
3
1
2
4
3
2
1
5
4
3
1
2
5
Specifications
Approximate Dimensions—mm (inches)
Coupling Nut
Nickel-plated brass
Connector Shell
Nylon
Contacts
Gold-plated palladium nickel
Maximum Wire Size
18AWG (0.75mm2)
Enclosure
NEMA 6; IP67 (IEC 529)
Temperature
-40°C to 90°C (-40°F to 194°F)
Dimensions are approximate. Illustrations are not drawn to scale.
20
(0.75)
51 (2.0)
9
(0.38)
Rear Nut
Straight Female
54 (2.1)
20.06
(0.79)
20.06
(0.79)
32 (1.3)
35 (1.4)
20.06
(0.79)
20.06
(0.79)
Straight Male
Right Angle Female
Right Angle Male


Similar Part No. - 871A-TS4-DM

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
871A ALLEN-BRADLEY-871A Datasheet
133Kb / 3P
Female mini-plus cordset
More results

Similar Description - 871A-TS4-DM

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0HAH BALLUFF-BCC0HAH Datasheet
97Kb / 1P
Field-Attachable Connectors
0.66_2022-07-14
BCC0HLP BALLUFF-BCC0HLP Datasheet
91Kb / 1P
Field-Attachable Connectors
0.68_2022-07-13
BCC0A03 BALLUFF-BCC0A03 Datasheet
93Kb / 1P
Field-Attachable Connectors
0.7_2022-08-01
BCC0HTL BALLUFF-BCC0HTL Datasheet
137Kb / 1P
Field-Attachable Connectors
1.2_2022-04-12
BCC0K80 BALLUFF-BCC0K80 Datasheet
96Kb / 1P
Field-Attachable Connectors
0.63_2022-08-01
BCC06ZK BALLUFF-BCC06ZK Datasheet
95Kb / 1P
Field-Attachable Connectors
2022-07-15
BCC06ZM BALLUFF-BCC06ZM Datasheet
102Kb / 1P
Field-Attachable Connectors
2022-07-16
BCC06M4 BALLUFF-BCC06M4 Datasheet
102Kb / 1P
Field-Attachable Connectors
2022-07-16
BCC070A BALLUFF-BCC070A Datasheet
108Kb / 1P
Field-Attachable Connectors
2022-08-01
BCC070E BALLUFF-BCC070E Datasheet
111Kb / 1P
Field-Attachable Connectors
2022-07-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com