Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4678 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1N4678
Description  Silicon Epitaxial Planar Z-Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4678 Datasheet(HTML) 2 Page - Vishay Siliconix

  1N4678 Datasheet HTML 1Page - Vishay Siliconix 1N4678 Datasheet HTML 2Page - Vishay Siliconix 1N4678 Datasheet HTML 3Page - Vishay Siliconix 1N4678 Datasheet HTML 4Page - Vishay Siliconix 1N4678 Datasheet HTML 5Page - Vishay Siliconix 1N4678 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1N4678...1N4717
Vishay Telefunken
Rev. 2, 01-Apr-99
2 (6)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85586
Type 1)
Zener Voltage VZ @ IZ = 50mA
Max.
Reverse
Current
Test
Voltage
Max.
Zener
Current
Max.
Voltage
Change
Typ. 1)
Min.
Max.
IR 3)
VR 3)
IZM 2)
DVZ 4)
V
V
V
mA
V
mA
V
1N4678
1.8
1.710
1.890
7.5
1.0
120
0.70
1N4679
2.0
1.900
2.100
5.0
1.0
110
0.70
1N4680
2.2
2.090
2.310
4.0
1.0
100
0.75
1N4681
2.4
2.280
2.520
2.0
1.0
95
0.80
1N4682
2.7
2.565
2.835
1.0
1.0
90
0.85
1N4683
3.0
2.850
3.150
0.8
1.0
85
0.90
1N4684
3.3
3.135
3.465
7.5
1.5
80
0.95
1N4685
3.6
3.420
3.780
7.5
2.0
75
0.95
1N4686
3.9
3.705
4.095
5.0
2.0
70
0.97
1N4687
4.3
4.085
4.515
4.0
2.0
65
0.99
1N4688
4.7
4.465
4.935
10
3.0
60
0.99
1N4689
5.1
4.845
5.355
10
3.0
55
0.97
1N4690
5.6
5.320
5.880
10
4.0
50
0.96
1N4691
6.2
5.890
6.510
10
5.0
45
0.95
1N4692
6.8
6.460
7.140
10
5.1
35
0.90
1N4693
7.5
7.125
7.875
10
5.7
31.8
0.75
1N4694
8.2
7.790
8.610
1.0
6.2
29.0
0.50
1N4695
8.7
8.265
9.135
1.0
6.6
27.4
0.10
1N4696
9.1
8.645
9.555
1.0
6.9
26.2
0.08
1N4697
10
9.500
10.50
1.0
7.6
24.8
0.10
1N4698
11
10.45
11.55
0,05
8.4
21.6
0.11
1N4699
12
11.40
12.60
0.05
9.1
20.4
0.12
1N4700
13
12.35
13.65
0.05
9.8
19.0
0.13
1N4701
14
13.30
14.70
0.05
10.6
17.5
0.14
1N4702
15
14.25
15.75
0.05
11.4
16.3
0.15
1N4703
16
15.20
16.80
0.05
12.1
15.4
0.16
1N4704
17
16.15
17.85
0.05
12.9
14.5
0.17
1N4705
18
17.10
18.90
0.05
13.6
13.2
0.18
1N4706
19
18.05
19.95
0.05
14.4
12.5
0.19
1N4707
20
19.00
21.00
0.01
15.2
11.9
0.20
1N4708
22
20.90
23.10
0.01
16.7
10.8
0.22
1N4709
24
22.80
25.20
0.01
18.2
9.9
0.24
1N4710
25
23.75
26.25
0.01
19.0
9.5
0.25
1N4711
27
25.65
28.35
0.01
20.4
8.8
0.27
1N4712
28
26.60
29.40
0.01
21.2
8.5
0.28
1N4713
30
28.50
31.50
0.01
22.8
7.9
0.30
1N4714
33
31.35
34.65
0.01
25.0
7.2
0.33
1N4715
36
34.20
37.80
0.01
27.3
6.6
0.36
1N4716
39
37.05
40.95
0.01
29.6
6.1
0.39
1N4717
43
40.85
45.15
0.01
32.6
5.5
0.43


Similar Part No. - 1N4678

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4678 CDI-DIODE-1N4678 Datasheet
116Kb / 2P
50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
Micro Commercial Compon...
1N4678 MCC-1N4678 Datasheet
214Kb / 5P
500mW Silicon Zener Diodes
logo
General Semiconductor
1N4678 GE-1N4678 Datasheet
40Kb / 2P
ZENER DIODES
logo
Knox Semiconductor, Inc
1N4678 KNOX-1N4678 Datasheet
36Kb / 1P
LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
logo
Microsemi Corporation
1N4678 MICROSEMI-1N4678 Datasheet
48Kb / 1P
SILICON 250 mW ZENER DIODES
More results

Similar Description - 1N4678

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85B VISHAY-BZX85B Datasheet
56Kb / 5P
Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZQ5221B VISHAY-TZQ5221B Datasheet
83Kb / 6P
Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
BZM55C VISHAY-BZM55C Datasheet
82Kb / 6P
Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
BZT55C VISHAY-BZT55C Datasheet
79Kb / 6P
Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Shenzhen Ping Sheng Ele...
BZX55B PFS-BZX55B Datasheet
152Kb / 2P
Silicon Epitaxial Planar Z-Diodes
logo
New Jersey Semi-Conduct...
BZX55B NJSEMI-BZX55B_16 Datasheet
133Kb / 2P
Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B VISHAY-BZX55B Datasheet
69Kb / 6P
Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
TZS4678 VISHAY-TZS4678 Datasheet
79Kb / 6P
Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
TEMIC Semiconductors
BZT55C TEMIC-BZT55C Datasheet
82Kb / 6P
Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZM55B VISHAY-BZM55B Datasheet
82Kb / 6P
Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com