Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UAA145 Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # UAA145
Description  Phase Control Circuit for Industrial Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

UAA145 Datasheet(HTML) 5 Page - TEMIC Semiconductors

  UAA145 Datasheet HTML 1Page - TEMIC Semiconductors UAA145 Datasheet HTML 2Page - TEMIC Semiconductors UAA145 Datasheet HTML 3Page - TEMIC Semiconductors UAA145 Datasheet HTML 4Page - TEMIC Semiconductors UAA145 Datasheet HTML 5Page - TEMIC Semiconductors UAA145 Datasheet HTML 6Page - TEMIC Semiconductors UAA145 Datasheet HTML 7Page - TEMIC Semiconductors UAA145 Datasheet HTML 8Page - TEMIC Semiconductors UAA145 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
UAA145
TELEFUNKEN Semiconductors
Rev. A1, 29-May-96
5 (11)
P7Ramp 2V/div.
–0mA
P8 Ref. Voltage 2V/div.
0V
V14 20V/div.
0V
V10 20V/div.
–0V
95 10107
Figure 7. Output pulses phase shift 2 ms/div
95 10108
P8 Ref. Voltage 2V/div.
P7Ramp 2V/div.
0V
V14 20V/div.
0V
V10 20V/div.
0V
Figure 8. Output pulses phase shift 2 ms/div
95 10294
P8 Ref. Voltage 2V/div.
P7Ramp 2V/div.
0V
V14 20V/div.
0V
V10 20V/div.
0V
Figure 9. Output pulses phase shift 2 ms/div
0
40
80
120
160
0
40
80
120
160
200
Rs ( kW )
200
95 10295
Pulse Phasing Rear Limit
VB=0, Cs=100nF
Figure 10.
0
40
80
120
160
0
2
4
6
8
10
Rt ( kW )
200
95 10296
Output Pulse Width
Ct=50nF
Figure 11.


Similar Part No. - UAA145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UAA145 ETC1-UAA145 Datasheet
188Kb / 1P
TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results

Similar Description - UAA145

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
Phase Control Circuit for Current Feedback
U209B3 TEMIC-U209B3 Datasheet
206Kb / 14P
Phase Control Circuit - Tacho Applications
U210B TEMIC-U210B Datasheet
378Kb / 15P
Phase Control Circuit - Load Current Feedback Applications
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
TEMIC Semiconductors
U210B1 TEMIC-U210B1 Datasheet
166Kb / 12P
Phase Control Circuit Load Current Feedback Applications
logo
ATMEL Corporation
U209B ATMEL-U209B_07 Datasheet
449Kb / 19P
Phase Control IC for Tacho Applications
logo
Littelfuse
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
Excellent unidirectional switches for phase control applications
logo
ARTSCHIP ELECTRONICS CO...
U2010B ARTSCHIP-U2010B Datasheet
3Mb / 11P
Phase Control Circuit for Current Feedback
logo
TEMIC Semiconductors
U111B TEMIC-U111B Datasheet
431Kb / 6P
Phase Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com