Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UAA145 Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # UAA145
Description  Phase Control Circuit for Industrial Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

UAA145 Datasheet(HTML) 4 Page - TEMIC Semiconductors

  UAA145 Datasheet HTML 1Page - TEMIC Semiconductors UAA145 Datasheet HTML 2Page - TEMIC Semiconductors UAA145 Datasheet HTML 3Page - TEMIC Semiconductors UAA145 Datasheet HTML 4Page - TEMIC Semiconductors UAA145 Datasheet HTML 5Page - TEMIC Semiconductors UAA145 Datasheet HTML 6Page - TEMIC Semiconductors UAA145 Datasheet HTML 7Page - TEMIC Semiconductors UAA145 Datasheet HTML 8Page - TEMIC Semiconductors UAA145 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
UAA145
TELEFUNKEN Semiconductors
Rev. A1, 29-May-96
4 (11)
vsync
v10,14
t
t
v14
v10
95 11299
ö
ö
ö
ö
h
v
a
Figure 4. Pulse phasing
P7 20mA/div.
–0mA
P7 2V/div.
–0V
95 10105
Figure 5.
Charging time 10
ms/div.
Pulse Phasing Limits
The pulse phasing front limit is determined by limiting
the maximum shift voltage applied to Pin 8 which is thus
adjustable by external circuitry. This can be done by
connecting a Z-diode between Pin 8 and Pin 3. The pulse
phasing rear limit,
öh, is the residual phase angle of the
output pulses when the shift voltage Vö is zero. Since
öh coincides with the zero crossover point of the ramp, it
can be adjusted by variation of the time constant CsRs
(figure 14). Figure 10 shows the pulse phasing rear limit
plotted as a function of Rs.
Pulse Blocking
The output pulses can be blocked via Pin 6, the memory
content being erased whenever Pin 6 is connected to +VS
(Pin 1). This effectively de-activates the pulse generator;
any output pulse in the process of generation is inter-
rupted.
Pulse blocking can be accomplished either via relay
contacts or a PNP switching transistor (figure 14).
0.1
1
10
100
0
100
200
300
400
600
RP ( kW )
1000
95 10106
500
Sync. Time
VSync.=230VX
R=22k
W
2
tSync.
Pin16
Figure 6.
Output Pulse Width
The output pulse width can be varied by adjustment of Rt
and Ct. In figure 11 pulse width is shown plotted as a func-
tion of Rt for Ct = 50 nF.
The output pulse always finishes at zero crossover. This
means that if there is a minimum pulse width requirement
(for example, when the load is inductive) provision must
be made for a corresponding pulse phasing rear limit. The
output stages are arranged so that the transistors are cut
off when a pulse is produced. Consequently, the thyristor
trigger pulse current flows via the external load resistors,
this current being passed by the transistors during the
period when no output pulse is produced. During this
period the output voltage drops to the transistor saturation
level and is therefore load dependent. Figure 12 shows
the relationship between saturation voltage and load
current.
Shift Characteristic
In figure 13 the angle of phase shift is shown plotted as a
function of the voltage applied to Pin 8 for a pulse phasing
rear limit of approximately 0
_. Because the ramp wave-
form is a part of the exponential function, the shift curve
is also exponential.
The limitation of the shift voltage to approximately 8.5 V
is due to the internal Z-diode Z4, which has a voltage
spread of 7 to 9 V.
The waveforms in figures 7 to 9 show the output pulse
phase shift as a function of Vö. It can be seen from the
oscillograms, the instants at which pulses are released
coincide with the intersections of the ramp and the shift
voltage.


Similar Part No. - UAA145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UAA145 ETC1-UAA145 Datasheet
188Kb / 1P
TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results

Similar Description - UAA145

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U209B3 TEMIC-U209B3 Datasheet
206Kb / 14P
Phase Control Circuit - Tacho Applications
U210B TEMIC-U210B Datasheet
378Kb / 15P
Phase Control Circuit - Load Current Feedback Applications
U210B1 TEMIC-U210B1 Datasheet
166Kb / 12P
Phase Control Circuit Load Current Feedback Applications
logo
ATMEL Corporation
U209B ATMEL-U209B_07 Datasheet
449Kb / 19P
Phase Control IC for Tacho Applications
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
TEMIC Semiconductors
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
Phase Control Circuit for Current Feedback
logo
ARTSCHIP ELECTRONICS CO...
U2010B ARTSCHIP-U2010B Datasheet
3Mb / 11P
Phase Control Circuit for Current Feedback
logo
TEMIC Semiconductors
U111B TEMIC-U111B Datasheet
431Kb / 6P
Phase Control Circuit
logo
Littelfuse
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com