Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UAA145 Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # UAA145
Description  Phase Control Circuit for Industrial Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

UAA145 Datasheet(HTML) 3 Page - TEMIC Semiconductors

  UAA145 Datasheet HTML 1Page - TEMIC Semiconductors UAA145 Datasheet HTML 2Page - TEMIC Semiconductors UAA145 Datasheet HTML 3Page - TEMIC Semiconductors UAA145 Datasheet HTML 4Page - TEMIC Semiconductors UAA145 Datasheet HTML 5Page - TEMIC Semiconductors UAA145 Datasheet HTML 6Page - TEMIC Semiconductors UAA145 Datasheet HTML 7Page - TEMIC Semiconductors UAA145 Datasheet HTML 8Page - TEMIC Semiconductors UAA145 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UAA145
TELEFUNKEN Semiconductors
Rev. A1, 29-May-96
3 (11)
Comparator (Differential Amplifier)
and Memory
In the (voltage) comparator stage, the ramp voltage is
compared with the shift voltage Vö applied to Pin 8. The
comparator switches whenever the instantaneous ramp
voltage is the same as the shift voltage (corresponding to
the desired phase angle), thereby causing the memory to
be set, i.e. the integrated thyristor in memory is to be
turned on. The time delay between the signal input and
the comparator output signal is proportional to the
required phase angle. Design of the circuit is such that the
memory content is reset only during the instant of zero
crossover, the reset signal always overriding the set
signal. This effectively prevents the generation of
additional output pulses and causes any pulse already
started to be immediately inhibited on application of an
inhibit signal to Pin 6. The memory content can also be
reset via Pin 6. Thus the memory ensures that any noise
(negative voltage transients) superimposed on the shift
signal at Pin 8 cannot give rise to the generation of
multiple pulses during the half-cycle.
Pulse Generator
(Monostable Multivibrator)
The memory setting pulse also triggers a monostable
stage. The duration of the pulse produced by the mono-
stable is determined by Ct and Rt, connected to Pin 2 and
Pin 11.
Channel Selection and Output
Amplifier
A pulse is produced at either output Pin 10 or Pin 14 if
transistor T20 or T19 respectively is cut-off. The pulses
derived from the pulse generator are applied to the output
transistors via OR gates controlled by the half-cycle
signals derived from the sync stage. During the positive
half-cycle no signal is applied from the sync stage to T19
so that an output pulse is produced at Pin 14. The same is
valid for Pin 10 during the negative half-cycle.
Pulse Diagram
Figure 3 shows the pulse voltage waveforms measured at
various points of the circuit, all signals being time
referenced to the sync signal shown at the top. The input
circuit limits any signal applied to
"0.8 V at Pin 9. The
sync pulse can be measured at Pin 16, whereas the ramp
waveform and the pulse phasing rear limit (
öh) are at
Pin 7. The time relationship between the shift voltage ap-
plied to Pin 8 and the ramp waveform is indicated by
dotted lines. A pulse trigger signal is produced whenever
the ramp crosses the shift level. The memory control
pulse can be monitored by means of an oscilloscope ap-
plied to Pin 6. The Pin 11 pulse waveform is that at Ct, and
the waveforms at Pin 10 and Pin 11 are those of the output
pulses.
Figure 3. Pulse diagram
Influence of External Components,
Syncronization Time
An ideal 0 to 180
_ shift range and perfect half-cycle pulse
timing symmetry are attained, if the sync pulse duration
is kept short. However, there is a lower pulse duration
limit, which is governed by the time required to charge
capacitor Cs (figure 5).
As can be seen, it takes about 35
ms to charge Cs. The sync
time can be altered by adjustment of Rp, the relationship
between Rp and the sync time being shown in figure 6.
The ratio of R and Rp determines the width of internal
sync pulse, tsync, at Pin 16. The pulse shape is valid only
for sync pulse of 230 V
∼. The lower the sync voltage,
longer is the sync pulse.
A minimum of 50
ms (max. 200 ms) input sync pulse is
required for a pulse symmetry of
Dö x"3°.


Similar Part No. - UAA145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UAA145 ETC1-UAA145 Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results

Similar Description - UAA145

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U209B3 TEMIC-U209B3 Datasheet
206Kb / 14P
   Phase Control Circuit - Tacho Applications
U210B TEMIC-U210B Datasheet
378Kb / 15P
   Phase Control Circuit - Load Current Feedback Applications
U210B1 TEMIC-U210B1 Datasheet
166Kb / 12P
   Phase Control Circuit Load Current Feedback Applications
logo
ATMEL Corporation
U209B ATMEL-U209B_07 Datasheet
449Kb / 19P
   Phase Control IC for Tacho Applications
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
   PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
TEMIC Semiconductors
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
   Phase Control Circuit for Current Feedback
logo
ARTSCHIP ELECTRONICS CO...
U2010B ARTSCHIP-U2010B Datasheet
3Mb / 11P
   Phase Control Circuit for Current Feedback
logo
TEMIC Semiconductors
U111B TEMIC-U111B Datasheet
431Kb / 6P
   Phase Control Circuit
logo
Littelfuse
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com