Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UAA145 Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # UAA145
Description  Phase Control Circuit for Industrial Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

UAA145 Datasheet(HTML) 1 Page - TEMIC Semiconductors

  UAA145 Datasheet HTML 1Page - TEMIC Semiconductors UAA145 Datasheet HTML 2Page - TEMIC Semiconductors UAA145 Datasheet HTML 3Page - TEMIC Semiconductors UAA145 Datasheet HTML 4Page - TEMIC Semiconductors UAA145 Datasheet HTML 5Page - TEMIC Semiconductors UAA145 Datasheet HTML 6Page - TEMIC Semiconductors UAA145 Datasheet HTML 7Page - TEMIC Semiconductors UAA145 Datasheet HTML 8Page - TEMIC Semiconductors UAA145 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UAA145
TELEFUNKEN Semiconductors
Rev. A1, 29-May-96
1 (11)
Phase Control Circuit for Industrial Applications
Description
The UAA145 is a bipolar integrated circuit, designed to
provide phase control for industrial applications. It
permits the number of components in thyristor drive
circuits to be drastically reduced. The versatility of the
device is further enhanced by the provision of a large
number of pins giving access to internal circuit points.
Features
D Separate pulse output synchronized by mains
half wave
D Output pulse-width is freely adjustable
D Phase angle variable from >0° to <180°
D High-impedance phase shift input
D Less than 3° pulse symmetry between two half-cycles
or phase of different integrated circuits
D Output pulse blocking
Applications
D Industrial power control
D Silicon controlled rectifier
Package: DIP16 (special case)
Block Diagram
Channel
selection
Pos. / Neg.
half wave
Memory
R
S
Puls
Comparator
Supply
Ramp generator
Voltage
synchronisation
Pulse inhibit
6
916
–V
Ref
15
7
13
3
1
8
+15
–15
10
14
PHW
NHW
8
2
11
PHW = Positive half wave
NHW = Negative half wave
95 11298
generator
Figure 1. Block diagram


Similar Part No. - UAA145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UAA145 ETC1-UAA145 Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
More results

Similar Description - UAA145

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U209B3 TEMIC-U209B3 Datasheet
206Kb / 14P
   Phase Control Circuit - Tacho Applications
U210B TEMIC-U210B Datasheet
378Kb / 15P
   Phase Control Circuit - Load Current Feedback Applications
U210B1 TEMIC-U210B1 Datasheet
166Kb / 12P
   Phase Control Circuit Load Current Feedback Applications
logo
ATMEL Corporation
U209B ATMEL-U209B_07 Datasheet
449Kb / 19P
   Phase Control IC for Tacho Applications
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
   PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
TEMIC Semiconductors
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
   Phase Control Circuit for Current Feedback
logo
ARTSCHIP ELECTRONICS CO...
U2010B ARTSCHIP-U2010B Datasheet
3Mb / 11P
   Phase Control Circuit for Current Feedback
logo
TEMIC Semiconductors
U111B TEMIC-U111B Datasheet
431Kb / 6P
   Phase Control Circuit
logo
Littelfuse
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com