Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUX48A Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # BUX48A
Description  POWER TRANSISTORS(15A,400-450V,175W)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

BUX48A Datasheet(HTML) 1 Page - Mospec Semiconductor

  BUX48A Datasheet HTML 1Page - Mospec Semiconductor BUX48A Datasheet HTML 2Page - Mospec Semiconductor BUX48A Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - BUX48A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUX48A MOTOROLA-BUX48A Datasheet
325Kb / 8P
SWITCHMODE II Series NPN Silicon Power Transistors
logo
ON Semiconductor
BUX48A ONSEMI-BUX48A Datasheet
325Kb / 8P
SITCHMODE II Series NPN Silicon Power Transistors
REV 7
logo
STMicroelectronics
BUX48A STMICROELECTRONICS-BUX48A Datasheet
89Kb / 7P
HIGH POWER NPN SILICON TRANSISTORS
BUX48A STMICROELECTRONICS-BUX48A Datasheet
116Kb / 9P
High voltage fast-switching NPN power transistors
logo
Inchange Semiconductor ...
BUX48A ISC-BUX48A Datasheet
79Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - BUX48A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUV48 MOSPEC-BUV48 Datasheet
117Kb / 3P
POWER TRANSISTORS(15A,400-450V,150W)
2N6546 MOSPEC-2N6546 Datasheet
211Kb / 4P
POWER TRANSISTORS(15A,175W)
2N6676 MOSPEC-2N6676 Datasheet
137Kb / 3P
POWER TRANSISTORS(15A,175W)
MJ11017 MOSPEC-MJ11017 Datasheet
206Kb / 4P
POWER TRANSISTORS(15A,150-250V,175W)
MJ10008 MOSPEC-MJ10008 Datasheet
189Kb / 4P
POWER TRANSISTORS(20A,400-500V,175W)
MJE13070 MOSPEC-MJE13070 Datasheet
182Kb / 4P
POWER TRANSISTORS(5A,400-450V,80W)
BUW12 MOSPEC-BUW12 Datasheet
91Kb / 2P
POWER TRANSISTORS(8A,400-450V,125W)
BUV46 MOSPEC-BUV46 Datasheet
115Kb / 3P
POWER TRANSISTORS(6A,400-450V,70W)
BUX84 MOSPEC-BUX84 Datasheet
102Kb / 2P
POWER TRANSISTORS(2A,400-450V,40W)
MJ10012 MOSPEC-MJ10012 Datasheet
176Kb / 4P
POWER TRANSISTORS(10A,400V,175W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com