Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-10012 Datasheet(PDF) 2 Page - Altech corporation

Part # PS-10012
Description  100W Single Output Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PS-10012 Datasheet(HTML) 2 Page - Altech corporation

  PS-10012 Datasheet HTML 1Page - Altech corporation PS-10012 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-20
0
10
20
30
40 45 50
60
70 (VERTICAL)
20
40
60
80
100
2
6
,
5
1
3,4
7
8
Assignment
Assignment
+V
AC/L
AC/N
-V
LED
+V ADJ.
PWM
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
O.V.P.
88
100
95
120
110
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
45
68
93
46.5
46.5
8
2
4
5
6
3
1
7
PS-100 Series
35 Royal Road, Flemington, NJ 08822-6000 • (tel.) 908-806-9400 • (fax) 908-806-9490 • www.altechcorp.com
100W Single Output Industrial DIN Rail Power Supply


Similar Part No. - PS-10012

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PS-1003 3M-PS-1003 Datasheet
527Kb / 2P
3M PanelSafeTM Lockout System
More results

Similar Description - PS-10012

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
DR-45 TOTAL-POWER-DR-45 Datasheet
330Kb / 2P
45W Single Output Industrial DIN Rail Power Supply
logo
Astrodyne Corporation
DRP-240 ASTRODYNE-DRP-240 Datasheet
322Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DR-100 MEANWELL-DR-100 Datasheet
245Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-S100 ALTECH-PS-S100 Datasheet
712Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
PSS100 ALTECH-PSS100 Datasheet
121Kb / 1P
100W Single Output Industrial DIN Rail Power Supply PS-S100 Series
logo
Mean Well Enterprises C...
DR-100 MEANWELL-DR-100_10 Datasheet
348Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
DR-100 MEANWELL-DR-100_11 Datasheet
348Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-100 TOTAL-POWER-DR-100 Datasheet
439Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
WDR-480 TOTAL-POWER-WDR-480 Datasheet
381Kb / 3P
480W Single Output Industrial DIN RAIL Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com