Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 39 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 39 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 35Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 36Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 37Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 38Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 39Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 40Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 41Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 42Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 168 page
background image
Altera Corporation
2–27
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
Figure 2–16 shows a block diagram of the Cyclone II PLL.
Figure 2–16. Cyclone II PLL
Note (1)
Notes to Figure 2–16:
(1)
This input can be single-ended or differential. If you are using a differential I/O standard, then two CLK pins are
used. LVDS input is supported via the secondary function of the dedicated CLK pins. For example, the CLK0 pin’s
secondary function is LVDSCLK1p and the CLK1 pin’s secondary function is LVDSCLK1n. If a differential I/O
standard is assigned to the PLL clock input pin, the corresponding CLK(n) pin is also completely used. The
Figure 2–16 shows the possible clock input connections (CLK0/CLK1) to PLL1.
(2)
This counter output is shared between a dedicated external clock output I/O and the global clock network.
f
For more information on Cyclone II PLLs, see the PLLs in the Cyclone II
Devices chapter in Volume 1 of the Cyclone II Device Handbook.
Embedded
Memory
The Cyclone II embedded memory consists of columns of M4K memory
blocks. The M4K memory blocks include input registers that synchronize
writes and output registers to pipeline designs and improve system
performance. The output registers can be bypassed, but input registers
cannot.
PFD
Loop
Filter
Lock Detect
& Filter
VCO
Charge
Pump
÷c0
÷c1
÷c2
÷m
÷n
Global
Clock
Global
Clock
Global
Clock
To I/O or
general routing
PLL<#>_OUT
Post-Scale
Counters
VCO Phase Selection
Selectable at Each
PLL Output Port
CLK1
CLK3
CLK2 (1)
CLK0 (1)
inclk0
inclk1
up
down
8
8
8
fVCO
fFB
fIN
Reference
Input Clock
fREF = fIN /n
(2)
Manual Clock
Switchover
Select Signal
÷k
(3)


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com