Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 33 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 33 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 29Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 30Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 31Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 32Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 33Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 34Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 35Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 36Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 37Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 168 page
background image
Altera Corporation
2–21
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
Global Clock Network
The 16 or 8 global clock networks drive throughout the entire device.
Dedicated clock pins (CLK[]), PLL outputs, the logic array, and
dual-purpose clock (DPCLK[]) pins can also drive the global clock
network.
The global clock network can provide clocks for all resources within the
device, such as IOEs, LEs, memory blocks, and embedded multipliers.
The global clock lines can also be used for control signals, such as clock
enables and synchronous or asynchronous clears fed from the external
pin, or DQS signals for DDR SDRAM or QDRII SRAM interfaces. Internal
logic can also drive the global clock network for internally generated
global clocks and asynchronous clears, clock enables, or other control
signals with large fan-out.
Clock Control Block
There is a clock control block for each global clock network available in
Cyclone II devices. The clock control blocks are arranged on the device
periphery and there are a maximum of 16 clock control blocks available
per Cyclone II device. The larger Cyclone II devices (EP2C15 devices and
larger) have 16 clock control blocks, four on each side of the device. The
smaller Cyclone II devices (EP2C5 and EP2C8 devices) have eight clock
control blocks, four on the left and right sides of the device.
The control block has these functions:
Dynamic global clock network clock source selection
Dynamic enable/disable of the global clock network
In Cyclone II devices, the dedicated CLK[] pins, PLL counter outputs,
DPCLK[]
pins, and internal logic can all feed the clock control block. The
output from the clock control block in turn feeds the corresponding
global clock network.
The following sources can be inputs to a given clock control block:
Four clock pins on the same side as the clock control block
Three PLL clock outputs from a PLL
Four DPCLK pins (including CDPCLK pins) on the same side as the
clock control block
Four internally-generated signals


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
Cyclone III Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com