Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 20 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 20 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 16Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 17Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 18Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 19Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 20Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 21Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 22Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 23Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 24Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 168 page
background image
2–8
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
Logic Array Blocks
LAB Interconnects
The LAB local interconnect can drive LEs within the same LAB. The LAB
local interconnect is driven by column and row interconnects and LE
outputs within the same LAB. Neighboring LABs, PLLs, M4K RAM
blocks, and embedded multipliers from the left and right can also drive
an LAB’s local interconnect through the direct link connection. The direct
link connection feature minimizes the use of row and column
interconnects, providing higher performance and flexibility. Each LE can
drive 48 LEs through fast local and direct link interconnects. Figure 2–6
shows the direct link connection.
Figure 2–6. Direct Link Connection
LAB Control Signals
Each LAB contains dedicated logic for driving control signals to its LEs.
The control signals include:
Two clocks
Two clock enables
Two asynchronous clears
One synchronous clear
One synchronous load
LAB
Direct link
interconnect
to right
Direct link interconnect from
right LAB, M4K memory
block, embedded multiplier,
PLL, or IOE output
Direct link interconnect from
left LAB, M4K memory
block, embedded multiplier,
PLL, or IOE output
Local
Interconnect
Direct link
interconnect
to left


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
Cyclone III Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com