Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 17 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 17 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 13Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 14Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 15Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 16Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 17Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 18Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 19Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 20Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 21Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 168 page
background image
Altera Corporation
2–5
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
Figure 2–3. LE in Normal Mode
Arithmetic Mode
The arithmetic mode is ideal for implementing adders, counters,
accumulators, and comparators. An LE in arithmetic mode implements a
2-bit full adder and basic carry chain (see Figure 2–4). LEs in arithmetic
mode can drive out registered and unregistered versions of the LUT
output. Register feedback and register packing are supported when LEs
are used in arithmetic mode.
data1
Four-Input
LUT
data2
data3
cin (from cout
of previous LE)
data4
clock (LAB Wide)
ena (LAB Wide)
aclr (LAB Wide)
CLRN
D
Q
ENA
sclear
(LAB Wide)
sload
(LAB Wide)
Register chain
connection
Register
chain output
Row, Column, and
Direct Link Routing
Row, Column, and
Direct Link Routing
Local routing
Register Feedback
Packed Register Input


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
   SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com