Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 102 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 102 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 98Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 99Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 100Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 101Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 102Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 103Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 104Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 105Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 106Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 168 page
background image
5–12
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
DC Characteristics for Different Pin Types
Table 5–11 specifies the bus hold parameters for general I/O pins.
On-Chip Termination Specifications
Table 5–12 defines the specifications for internal termination resistance
tolerance when using series or differential on-chip termination.
Table 5–11. Bus Hold Parameters
Note (1)
Parameter
Conditions
VCCIO Level
Unit
1.8 V
2.5 V
3.3 V
Min
Max
Min
Max
Min
Max
Bus-hold low, sustaining
current
VIN >
VIL(maximum)
30
50
70
μA
Bus-hold high, sustaining
current
VIN <
VIL(minimum)
–30
–50
–70
μA
Bus-hold low, overdrive
current
0 V < VIN < VCCIO
200
300
500
μA
Bus-hold high, overdrive
current
0 V < VIN < VCCIO
–200
–300
–500
μA
Bus-hold trip point (2)
0.68
1.07
0.7
1.7
0.8
2.0
V
Notes to Table 5–11:
(1)
There is no specification for bus-hold at VCCIO = 1.5 V for the HSTL I/O standard.
(2)
The bus-hold trip points are based on calculated input voltages from the JEDEC standard.
Table 5–12. Series On-Chip Termination Specifications
Symbol
Description
Conditions
Resistance Tolerance
Commercial
Max
Industrial
Max
Extended/
Automotive
Temp Max
Unit
25-
Ω R
S
Internal series termination without
calibration (25-
Ω setting)
VCCIO = 3.3V
±30
±30
±40
%
50-
Ω R
S
Internal series termination without
calibration (50-
Ω setting)
VCCIO = 2.5V
±30
±30
±40
%
50-
Ω RS
Internal series termination without
calibration (50-
Ω setting)
VCCIO = 1.8V
±30 (1)
±40
±50
%
Note to Table 5–12:
(1)
For commercial –8 devices, the tolerance is ±40%.


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com