Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 99 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 99 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 95Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 96Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 97Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 98Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 99Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 100Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 101Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 102Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 103Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 168 page
background image
Altera Corporation
5–9
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
Table 5–8 shows the recommended operating conditions for user I/O
pins with differential I/O standards.
Table 5–8. Recommended Operating Conditions for User I/O Pins Using Differential Signal I/O Standards
I/O
Standard
VCCIO (V)
VID (V) (1)
VICM (V)
VIL (V)
VIH (V)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Max
Min
Max
LVDS
2.375
2.5
2.625
0.1
0.65
0.1
2.0
Mini-LVDS
(2)
2.375
2.5
2.625
————
RSDS (2)
2.375
2.5
2.625
————
LVPECL
(3) (6)
3.135
3.3
3.465
0.1
0.6
0.95
0
2.2
2.1
2.88
Differential
1.5-V HSTL
class I
and II (4)
1.425
1.5
1.575
0.2
VCCIO
+ 0.6
0.68
0.9
VREF
– 0.20
VREF
+ 0.20
Differential
1.8-V HSTL
class I
and II (4)
1.71
1.8
1.89
————
VREF
– 0.20
VREF
+ 0.20
Differential
SSTL-2
class I
and II (5)
2.375
2.5
2.625
0.36
VCCIO
+ 0.6
0.5 ×
VCCIO
– 0.2
0.5 ×
VCCIO
0.5 ×
VCCIO
+ 0.2
—VREF
– 0.35
VREF
+ 0.35
Differential
SSTL-18
class I
and II (5)
1.7
1.8
1.9
0.25
VCCIO
+ 0.6
0.5 ×
VCCIO
– 0.2
0.5 ×
VCCIO
0.5 ×
VCCIO
+ 0.2
—VREF
– 0.25
VREF
+ 0.25
Notes to Table 5–8:
(1)
Refer to the High-Speed Differential Interfaces in Cyclone II Devices chapter of the Cyclone II Device Handbook for
measurement conditions on VID.
(2)
The RSDS and mini-LVDS I/O standards are only supported on output pins.
(3)
The LVPECL I/O standard is only supported on clock input pins. This I/O standard is not supported on output
pins.
(4)
The differential 1.8-V and 1.5-V HSTL I/O standards are only supported on clock input pins and PLL output clock
pins.
(5)
The differential SSTL-18 and SSTL-2 I/O standards are only supported on clock input pins and PLL output clock
pins.
(6)
The LVPECL clock inputs are powered by VCCINT and support all VCCIO settings. However, it is recommended to
connect VCCIO to typical value of 3.3V.


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
   SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com