Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 96 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 96 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 92Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 93Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 94Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 95Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 96Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 97Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 98Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 99Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 100Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 168 page
background image
5–6
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Operating Conditions
SSTL-18 class II
1.7
1.8
1.9
0.833
0.9
0.969
VREF – 0.125 (DC)
VREF – 0.25 (AC)
VREF + 0.125 (DC)
VREF + 0.25 (AC)
1.8-V HSTL
class I
1.71
1.8
1.89
0.85
0.9
0.95
VREF – 0.1 (DC)
VREF – 0.2 (AC)
VREF + 0.1 (DC)
VREF + 0.2 (AC)
1.8-V HSTL
class II
1.71
1.8
1.89
0.85
0.9
0.95
VREF – 0.1 (DC)
VREF – 0.2 (AC)
VREF + 0.1 (DC)
VREF + 0.2 (AC)
1.5-V HSTL
class I
1.425
1.5
1.575
0.71
0.75
0.79
VREF – 0.1 (DC)
VREF – 0.2 (AC)
VREF + 0.1 (DC)
VREF + 0.2 (AC)
1.5-V HSTL
class II
1.425
1.5
1.575
0.71
0.75
0.79
VREF – 0.1 (DC)
VREF – 0.2 (AC)
VREF + 0.1 (DC)
VREF + 0.2 (AC)
Note to Table 5–6:
(1)
Nominal values (Nom) are for TA = 25° C, VCCINT = 1.2 V, and VCCIO = 1.5, 1.8, 2.5, and 3.3 V.
Table 5–7. DC Characteristics of User I/O Pins Using Single-Ended Standards Notes (1), (2) (Part 1 of 2)
I/O Standard
Test Conditions
Voltage Thresholds
IOL (mA)
IOH (mA)
Maximum VOL (V)
Minimum VOH (V)
3.3-V LVTTL
4
–4
0.45
2.4
3.3-V LVCMOS
0.1
–0.1
0.2
VCCIO – 0.2
2.5-V LVTTL and
LVCMOS
1–1
0.4
2.0
1.8-V LVTTL and
LVCMOS
2–2
0.45
VCCIO – 0.45
1.5-V LVTTL and
LVCMOS
2–2
0.25 × VCCIO
0.75 × VCCIO
PCI and PCI-X
1.5
–0.5
0.1 × VCCIO
0.9 × VCCIO
SSTL-2 class I
8.1
–8.1
VTT – 0.57
VTT + 0.57
SSTL-2 class II
16.4
–16.4
VTT – 0.76
VTT + 0.76
SSTL-18 class I
6.7
–6.7
VTT – 0.475
VTT + 0.475
SSTL-18 class II
13.4
–13.4
0.28
VCCIO – 0.28
1.8-V HSTL class I
8
–8
0.4
VCCIO – 0.4
1.8-V HSTL class II
16
–16
0.4
VCCIO – 0.4
Table 5–6. Recommended Operating Conditions for User I/O Pins Using Single-Ended I/O Standards
Note (1) (Part 2 of 2)
I/O Standard
VCCIO (V)
VREF (V)
VIL (V)
VIH (V)
Min
Typ
Max
Min
Typ
Max
Max
Min


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
Cyclone III Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com