Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 94 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 94 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 90Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 91Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 92Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 93Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 94Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 95Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 96Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 97Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 98Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 168 page
background image
5–4
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Operating Conditions
Table 5–4 shows the maximum VIN overshoot voltage and the
dependency on the duty cycle of the input signal. Refer to Table 5–3 for
more information.
RCONF (5) (6)
Value of I/O pin
pull-up resistor
before and during
configuration
VIN = 0 V; VCCIO = 3.3 V
10
25
50
k
Ω
VIN = 0 V; VCCIO = 2.5 V
15
35
70
k
Ω
VIN = 0 V; VCCIO = 1.8 V
30
50
100
k
Ω
VIN = 0 V; VCCIO = 1.5 V
40
75
150
k
Ω
VIN = 0 V; VCCIO = 1.2 V
50
90
170
k
Ω
Recommended
value of I/O pin
external pull-down
resistor before and
during configuration
(7)
—1
2
k
Ω
Notes to Table 5–3:
(1)
All pins, including dedicated inputs, clock, I/O, and JTAG pins, may be driven before VCCINT and VCCIO are
powered.
(2)
The minimum DC input is –0.5 V. During transitions, the inputs may undershoot to –2.0 V or overshoot to the
voltages shown in Table 5–4, based on input duty cycle for input currents less than 100 mA. The overshoot is
dependent upon duty cycle of the signal. The DC case is equivalent to 100% duty cycle.
(3)
This value is specified for normal device operation. The value may vary during power-up. This applies for all VCCIO
settings (3.3, 2.5, 1.8, and 1.5 V).
(4)
Maximum values depend on the actual TJ and design utilization. See the Excel-based PowerPlay Early Power
Estimator (www.altera.com) or the Quartus II PowerPlay Power Analyzer feature for maximum values. Refer to
“Power Consumption” on page 5–13 for more information.
(5)
RCONF values are based on characterization. RCONF = VCCIO/IRCONF. RCONF values may be different if VIN value is
not 0 V. Pin pull-up resistance values will be lower if an external source drives the pin higher than VCCIO.
(6)
Minimum condition at –40°C and high VCC, typical condition at 25°C and nominal VCC and maximum condition at
125°C and low VCC for RCONF values.
(7)
These values apply to all VCCIO settings.
Table 5–3. DC Characteristics for User I/O, Dual-Purpose, and Dedicated Pins (Part 2 of 2)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Unit
Table 5–4. VIN Overshoot Voltage for All Input Buffers
Maximum VIN (V)
Input Signal Duty Cycle
4.0
100% (DC)
4.1
90%
4.2
50%
4.3
30%
4.4
17%
4.5
10%


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com