Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 91 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 91 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 87Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 88Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 89Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 90Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 91Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 92Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 93Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 94Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 95Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 168 page
background image
Altera Corporation
5–1
February 2008
5. DC Characteristics and
Timing Specifications
Operating
Conditions
Cyclone® II devices are offered in commercial, industrial, automotive,
and extended temperature grades. Commercial devices are offered in –6
(fastest), –7, and –8 speed grades.
All parameter limits are representative of worst-case supply voltage and
junction temperature conditions. Unless otherwise noted, the parameter
values in this chapter apply to all Cyclone II devices. AC and DC
characteristics are specified using the same numbers for commercial,
industrial, and automotive grades. All parameters representing voltages
are measured with respect to ground.
Tables 5–1 through 5–4 provide information on absolute maximum
ratings.
Table 5–1. Cyclone II Device Absolute Maximum Ratings
Notes (1), (2)
Symbol
Parameter
Conditions
Minimum Maximum
Unit
VCCINT
Supply voltage
With respect to ground
–0.5
1.8
V
VCCIO
Output supply voltage
–0.5
4.6
V
VCCA_PLL [1..4] PLL supply voltage
–0.5
1.8
V
VIN
DC input voltage (3)
–0.5
4.6
V
IOUT
DC output current, per pin
–25
40
mA
TSTG
Storage temperature
No bias
–65
150
°C
TJ
Junction temperature
BGA packages under bias
125
°C
Notes to Table 5–1:
(1)
Conditions beyond those listed in this table cause permanent damage to a device. These are stress ratings only.
Functional operation at these levels or any other conditions beyond those specified in this chapter is not implied.
Additionally, device operation at the absolute maximum ratings for extended periods of time may have adverse
effect on the device reliability.
(2)
Refer to the Operating Requirements for Altera Devices Data Sheet for more information.
(3)
During transitions, the inputs may overshoot to the voltage shown in Table 5–4 based upon the input duty cycle.
The DC case is equivalent to 100% duty cycle. During transition, the inputs may undershoot to –2.0 V for input
currents less than 100 mA and periods shorter than 20 ns.
CII51005-4.0


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
   SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com