Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 84 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 84 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 80Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 81Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 82Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 83Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 84Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 85Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 86Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 87Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 88Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 168 page
background image
4–2
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
Cyclone II Hot-Socketing Specifications
Devices Can Be Driven before Power-Up
You can drive signals into the I/O pins, dedicated input pins, and
dedicated clock pins of Cyclone II devices before or during power-up or
power-down without damaging the device. Cyclone II devices support
any power-up or power-down sequence (VCCIO and VCCINT) to simplify
system level design.
I/O Pins Remain Tri-Stated during Power-Up
A device that does not support hot socketing may interrupt system
operation or cause contention by driving out before or during power-up.
In a hot-socketing situation, the Cyclone II device’s output buffers are
turned off during system power-up or power-down. The Cyclone II
device also does not drive out until the device is configured and has
attained proper operating conditions. The I/O pins are tri-stated until the
device enters user mode with a weak pull-up resistor (R) to 3.3V. Refer to
Figure 4–1 for more information.
1
You can power up or power down the VCCIO and VCCINT pins in
any sequence. The VCCIO and VCCINT must have monotonic rise
to their steady state levels. (Refer to Figure 4–3 for more
information.) The power supply ramp rates can range from
100 µs to 100 ms for non “A” devices. Both VCC supplies must
power down within 100 ms of each other to prevent I/O pins
from driving out. During hot socketing, the I/O pin capacitance
is less than 15 pF and the clock pin capacitance is less than 20 pF.
Cyclone II devices meet the following hot-socketing
specification.
The hot-socketing DC specification is | IIOPIN | < 300 µA.
The hot-socketing AC specification is | IIOPIN | < 8 mA for 10 ns or
less.
This specification takes into account the pin capacitance but not board
trace and external loading capacitance. You must consider additional
capacitance for trace, connector, and loading separately.
IIOPIN is the current at any user I/O pin on the device. The DC
specification applies when all VCC supplies to the device are stable in the
powered-up or powered-down conditions. For the AC specification, the
peak current duration due to power-up transients is 10 ns or less.
A possible concern for semiconductor devices in general regarding hot
socketing is the potential for latch-up. Latch-up can occur when electrical
subsystems are hot socketed into an active system. During hot socketing,
the signal pins may be connected and driven by the active system before


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
   SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com