Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 78 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 78 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 74Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 75Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 76Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 77Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 78Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 79Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 80Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 81Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 82Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 168 page
background image
3–4
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
IEEE Std. 1149.1 (JTAG) Boundary Scan Support
The Cyclone II device instruction register length is 10 bits and the
USERCODE register length is 32 bits. Tables 3–2 and 3–3 show the
boundary-scan register length and device
IDCODE information for
Cyclone II devices.
For more information on the Cyclone II JTAG specifications, refer to the
DC Characteristics & Timing Specifications chapter in the Cyclone II Device
Handbook, Volume 1.
Table 3–2. Cyclone II Boundary-Scan Register Length
Device
Boundary-Scan Register Length
EP2C5
498
EP2C8
597
EP2C15
969
EP2C20
969
EP2C35
1,449
EP2C50
1,374
EP2C70
1,890
Table 3–3. 32-Bit Cyclone II Device IDCODE
Device
IDCODE (32 Bits) (1)
Version (4 Bits)
Part Number (16 Bits)
Manufacturer Identity (11 Bits)
LSB (1 Bit) (2)
EP2C5
0000
0010 0000 1011 0001
000 0110 1110
1
EP2C8
0000
0010 0000 1011 0010
000 0110 1110
1
EP2C15
0000
0010 0000 1011 0011
000 0110 1110
1
EP2C20
0000
0010 0000 1011 0011
000 0110 1110
1
EP2C35
0000
0010 0000 1011 0100
000 0110 1110
1
EP2C50
0000
0010 0000 1011 0101
000 0110 1110
1
EP2C70
0000
0010 0000 1011 0110
000 0110 1110
1
Notes to Table 3–3:
(1)
The most significant bit (MSB) is on the left.
(2)
The IDCODE’s least significant bit (LSB) is always 1.


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
   SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com