Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 75 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 75 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 71Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 72Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 73Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 74Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 75Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 76Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 77Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 78Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 79Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 168 page
background image
Altera Corporation
3–1
February 2007
3. Configuration & Testing
IEEE Std. 1149.1
(JTAG) Boundary
Scan Support
All Cyclone® II devices provide JTAG BST circuitry that complies with
the IEEE Std. 1149.1. JTAG boundary-scan testing can be performed
either before or after, but not during configuration. Cyclone II devices can
also use the JTAG port for configuration with the Quartus® II software or
hardware using either Jam Files (.jam) or Jam Byte-Code Files (.jbc).
Cyclone II devices support IOE I/O standard reconfiguration through the
JTAG BST chain. The JTAG chain can update the I/O standard for all
input and output pins any time before or during user mode through the
CONFIG_IO instruction. You can use this capability for JTAG testing
before configuration when some of the Cyclone II pins drive or receive
from other devices on the board using voltage-referenced standards.
Since the Cyclone II device might not be configured before JTAG testing,
the I/O pins may not be configured for appropriate electrical standards
for chip-to-chip communication. Programming the I/O standards via
JTAG allows you to fully test I/O connections to other devices.
f
For information on I/O reconfiguration, refer to the MorphIO: An I/O
Reconfiguration Solution for Altera Devices White Paper.
A device operating in JTAG mode uses four required pins:
TDI, TDO, TMS,
and
TCK. The TCK pin has an internal weak pull-down resister, while the
TDI and TMS pins have weak internal pull-up resistors. The TDO output
pin and all JTAG input pin voltage is determined by the VCCIO of the bank
where it resides. The bank VCCIO selects whether the JTAG inputs are 1.5-,
1.8-, 2.5-, or 3.3-V compatible.
1
Stratix® II, Stratix, Cyclone II and Cyclone devices must be
within the first 8 devices in a JTAG chain. All of these devices
have the same JTAG controller. If any of the Stratix II, Stratix,
Cyclone II or Cyclone devices are in the 9th of further position,
they fail configuration. This does not affect Signal Tap II.
CII51003-2.2


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
   SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com