Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 69 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 69 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 65Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 66Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 67Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 68Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 69Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 70Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 71Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 72Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 73Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 168 page
background image
Altera Corporation
2–57
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
I/O Banks
The I/O pins on Cyclone II devices are grouped together into I/O banks
and each bank has a separate power bus. EP2C5 and EP2C8 devices have
four I/O banks (see Figure 2–28), while EP2C15, EP2C20, EP2C35,
EP2C50, and EP2C70 devices have eight I/O banks (see Figure 2–29).
Each device I/O pin is associated with one I/O bank. To accommodate
voltage-referenced I/O standards, each Cyclone II I/O bank has a VREF
bus. Each bank in EP2C5, EP2C8, EP2C15, EP2C20, EP2C35, and EP2C50
devices supports two VREF pins and each bank of EP2C70 supports four
VREF pins. When using the VREF pins, each VREF pin must be properly
connected to the appropriate voltage level. In the event these pins are not
used as VREF pins, they may be used as regular I/O pins.
The top and bottom I/O banks (banks 2 and 4 in EP2C5 and EP2C8
devices and banks 3, 4, 7, and 8 in EP2C15, EP2C20, EP2C35, EP2C50, and
EP2C70 devices) support all I/O standards listed in Table 2–17, except the
PCI/PCI-X I/O standards. The left and right side I/O banks (banks 1 and
3 in EP2C5 and EP2C8 devices and banks 1, 2, 5, and 6 in EP2C15, EP2C20,
EP2C35, EP2C50, and EP2C70 devices) support I/O standards listed in
Table 2–17, except SSTL-18 class II, HSTL-18 class II, and HSTL-15 class II
I/O standards. See Table 2–17 for a complete list of supported I/O
standards.
The top and bottom I/O banks (banks 2 and 4 in EP2C5 and EP2C8
devices and banks 3, 4, 7, and 8 in EP2C15, EP2C20, EP2C35, EP2C50, and
EP2C70 devices) support DDR2 memory up to 167 MHz/333 Mbps and
QDR memory up to 167 MHz/668 Mbps. The left and right side I/O
banks (1 and 3 of EP2C5 and EP2C8 devices and 1, 2, 5, and 6 of EP2C15,
EP2C20, EP2C35, EP2C50, and EP2C70 devices) only support SDR and
DDR SDRAM interfaces. All the I/O banks of the Cyclone II devices
support SDR memory up to 167 MHz/167 Mbps and DDR memory up to
167 MHz/333 Mbps.
1
DDR2 and QDRII interfaces may be implemented in Cyclone II
side banks if the use of class I I/O standard is acceptable.


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com