Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 68 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 68 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 64Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 65Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 66Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 67Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 68Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 69Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 70Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 71Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 72Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 168 page
background image
2–56
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
I/O Structure & Features
Cyclone II devices support driver impedance matching to the impedance
of the transmission line, typically 25 or 50
Ω. When used with the output
drivers, on-chip termination sets the output driver impedance to 25 or
50
Ω. Cyclone II devices also support I/O driver series termination
(RS = 50 Ω) for SSTL-2 and SSTL-18. Table 2–19 lists the I/O standards that
support impedance matching and series termination.
1
The recommended frequency range of operation is pending
silicon characterization.
On-chip series termination can be supported on any I/O bank. VCCIO and
VREF must be compatible for all I/O pins in order to enable on-chip series
termination in a given I/O bank. I/O standards that support different RS
values can reside in the same I/O bank as long as their VCCIO and VREF are
not conflicting.
1
When using on-chip series termination, programmable drive
strength is not available.
Impedance matching is implemented using the capabilities of the output
driver and is subject to a certain degree of variation, depending on the
process, voltage and temperature. The actual tolerance is pending silicon
characterization.
Table 2–19. I/O Standards Supporting Series Termination
Note (1)
I/O Standards
Target RS (
Ω)VCCIO (V)
3.3-V LVTTL and LVCMOS
25 (2)
3.3
2.5-V LVTTL and LVCMOS
50 (2)
2.5
1.8-V LVTTL and LVCMOS
50 (2)
1.8
SSTL-2 class I
50 (2)
2.5
SSTL-18 class I
50 (2)
1.8
Notes to Table 2–19:
(1)
Supported conditions are VCCIO =VCCIO ±50 mV.
(2)
These RS values are nominal values. Actual impedance varies across process,
voltage, and temperature conditions.


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
   SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com