Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 67 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 67 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 63Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 64Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 65Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 66Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 67Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 68Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 69Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 70Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 71Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 168 page
background image
Altera Corporation
2–55
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
You can use I/O pins and internal logic to implement a high-speed I/O
receiver and transmitter in Cyclone II devices. Cyclone II devices do not
contain dedicated serialization or deserialization circuitry. Therefore,
shift registers, internal PLLs, and IOEs are used to perform
serial-to-parallel conversions on incoming data and parallel-to-serial
conversion on outgoing data.
The maximum internal clock frequency for a receiver and for a
transmitter is 402.5 MHz. The maximum input data rate of 805 Mbps and
the maximum output data rate of 640 Mbps is only achieved when DDIO
registers are used. The LVDS standard does not require an input
reference voltage, but it does require a 100-
Ωtermination resistor
between the two signals at the input buffer. An external resistor network
is required on the transmitter side.
f
For more information on Cyclone II differential I/O interfaces, see the
High-Speed Differential Interfaces in Cyclone II Devices chapter in Volume 1
of the Cyclone II Device Handbook.
Series On-Chip Termination
On-chip termination helps to prevent reflections and maintain signal
integrity. This also minimizes the need for external resistors in high pin
count ball grid array (BGA) packages. Cyclone II devices provide I/O
driver on-chip impedance matching and on-chip series termination for
single-ended outputs and bidirectional pins.
EP2C70
672
160 (168)
896
257 (265)
Note to Table 2–18:
(1)
The first number represents the number of bidirectional I/O pins which can be
used as inputs or outputs. The number in parenthesis includes dedicated clock
input pin pairs which can only be used as inputs.
Table 2–18. Cyclone II Device LVDS Channels (Part 2 of 2)
Device
Pin Count
Number of LVDS
Channels (1)


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
   SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com