Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 65 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 65 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 61Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 62Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 63Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 64Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 65Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 66Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 67Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 68Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 69Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 168 page
background image
Altera Corporation
2–53
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
f
For more information on Cyclone II supported I/O standards, see the
Selectable I/O Standards in Cyclone II Devices chapter in Volume 1 of the
Cyclone II Device Handbook.
High-Speed Differential Interfaces
Cyclone II devices can transmit and receive data through LVDS signals at
a data rate of up to 640 Mbps and 805 Mbps, respectively. For the LVDS
transmitter and receiver, the Cyclone II device’s input and output pins
support serialization and deserialization through internal logic.
Differential HSTL-15 class I
or class II
Pseudo
differential (4)
(5)
1.5 V
v (7)
1.5 V
(5)
v
(6)
v
(6)
Differential HSTL-18 class I
or class II
Pseudo
differential (4)
(5)
1.8 V
v (7)
1.8 V
(5)
v
(6)
v
(6)
LVDS
Differential
2.5 V
2.5 V
vvv
v
v
RSDS and mini-LVDS (8)
Differential
(5)
2.5 V
vv
v
LVPECL (9)
Differential
3.3 V/
2.5 V/
1.8 V/
1.5 V
(5)
vv
Notes to Table 2–17:
(1)
To drive inputs higher than VCCIO but less than 4.0 V, disable the PCI clamping diode and turn on the Allow
LVTTL and LVCMOS input levels to overdrive input buffer
option in the Quartus II software.
(2)
These pins support SSTL-18 class II and 1.8- and 1.5-V HSTL class II inputs.
(3)
PCI-X does not meet the IV curve requirement at the linear region. PCI-clamp diode is not available on top and
bottom I/O pins.
(4)
Pseudo-differential HSTL and SSTL outputs use two single-ended outputs with the second output programmed
as inverted. Pseudo-differential HSTL and SSTL inputs treat differential inputs as two single-ended HSTL and
SSTL inputs and only decode one of them.
(5)
This I/O standard is not supported on these I/O pins.
(6)
This I/O standard is only supported on the dedicated clock pins.
(7)
PLL_OUT does not support differential SSTL-18 class II and differential 1.8 and 1.5-V HSTL class II.
(8)
mini-LVDS and RSDS are only supported on output pins.
(9)
LVPECL is only supported on clock inputs.
Table 2–17. Cyclone II Supported I/O Standards & Constraints (Part 2 of 2)
I/O Standard
Type
VCCIO Level
Top & Bottom
I/O Pins
Side I/O Pins
Input
Output
CLK,
DQS
User I/O
Pins
CLK,
DQS
PLL_OUT
User I/O
Pins


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
   SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com