Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 64 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 64 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 60Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 61Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 62Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 63Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 64Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 65Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 66Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 67Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 68Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 168 page
background image
2–52
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
I/O Structure & Features
Advanced I/O Standard Support
Table 2–17 shows the I/O standards supported by Cyclone II devices and
which I/O pins support them.
Table 2–17. Cyclone II Supported I/O Standards & Constraints (Part 1 of 2)
I/O Standard
Type
VCCIO Level
Top & Bottom
I/O Pins
Side I/O Pins
Input
Output
CLK,
DQS
User I/O
Pins
CLK,
DQS
PLL_OUT
User I/O
Pins
3.3-V LVTTL and LVCMOS
(1)
Single ended
3.3 V/
2.5 V
3.3 V
vvv
v
v
2.5-V LVTTL and LVCMOS
Single ended
3.3 V/
2.5 V
2.5 V
vvv
v
v
1.8-V LVTTL and LVCMOS
Single ended
1.8 V/
1.5 V
1.8 V
vvv
v
v
1.5-V LVCMOS
Single ended
1.8 V/
1.5 V
1.5 V
vvv
v
v
SSTL-2 class I
Voltage
referenced
2.5 V
2.5 V
vvv
v
v
SSTL-2 class II
Voltage
referenced
2.5 V
2.5 V
vvv
v
v
SSTL-18 class I
Voltage
referenced
1.8 V
1.8 V
vvv
v
v
SSTL-18 class II
Voltage
referenced
1.8 V
1.8 V
vv
(2)
(2)
(2)
HSTL-18 class I
Voltage
referenced
1.8 V
1.8 V
vvv
v
v
HSTL-18 class II
Voltage
referenced
1.8 V
1.8 V
vv
(2)
(2)
(2)
HSTL-15 class I
Voltage
referenced
1.5 V
1.5 V
vvv
v
v
HSTL-15 class II
Voltage
referenced
1.5 V
1.5 V
vv
(2)
(2)
(2)
PCI and PCI-X (1) (3)
Single ended
3.3 V
3.3 V
vv
v
Differential SSTL-2 class I or
class II
Pseudo
differential (4)
(5)
2.5 V
v
2.5 V
(5)
v
(6)
v
(6)
Differential SSTL-18 class I
or class II
Pseudo
differential (4)
(5)
1.8 V
v (7)
1.8 V
(5)
v
(6)
v
(6)


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com