Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP2C35A15F324C6N Datasheet(PDF) 59 Page - Altera Corporation

Part # EP2C35A15F324C6N
Description  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C35A15F324C6N Datasheet(HTML) 59 Page - Altera Corporation

Back Button EP2C35A15F324C6N Datasheet HTML 55Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 56Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 57Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 58Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 59Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 60Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 61Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 62Page - Altera Corporation EP2C35A15F324C6N Datasheet HTML 63Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 168 page
background image
Altera Corporation
2–47
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
You can use any of the DQ pins for the parity pins in Cyclone II devices.
The Cyclone II device family supports parity in the ×8/×9, and ×16/×18
mode. There is one parity bit available per eight bits of data pins.
The data mask, DM, pins are required when writing to DDR SDRAM and
DDR2 SDRAM devices. A low signal on the DM pin indicates that the
write is valid. If the DM signal is high, the memory masks the DQ signals.
In Cyclone II devices, the DM pins are assigned and are the preferred
pins. Each group of DQS and DQ signals requires a DM pin.
When using the Cyclone II I/O banks to interface with the DDR memory,
at least one PLL with two clock outputs is needed to generate the system
and write clock. The system clock is used to clock the DQS write signals,
commands, and addresses. The write clock is shifted by –90° from the
system clock and is used to clock the DQ signals during writes.
Figure 2–27 illustrates DDR SDRAM interfacing from the I/O through
the dedicated circuitry to the logic array.
EP2C35
484-pin FineLine BGA
16 (4)
888
672-pin FineLine BGA
20 (4)
888
EP2C50
484-pin FineLine BGA
16 (4)
888
672-pin FineLine BGA
20 (4)
888
EP2C70
672-pin FineLine BGA
20 (4)
888
896-pin FineLine BGA
20 (4)
888
Notes to Table 2–15:
(1)
Numbers are preliminary.
(2)
EP2C5 and EP2C8 devices in the 144-pin TQFP package do not have any DQ pin groups in I/O bank 1.
(3)
Because of available clock resources, only a total of 6 DQ/DQS groups can be implemented.
(4)
Because of available clock resources, only a total of 14 DQ/DQS groups can be implemented.
(5)
The ×9 DQS/DQ groups are also used as ×8 DQS/DQ groups. The ×18 DQS/DQ groups are also used as ×16
DQS/DQ groups.
(6)
For QDRI implementation, if you connect the D ports (write data) to the Cyclone II DQ pins, the total available ×9
DQS /DQ and ×18 DQS/DQ groups are half of that shown in Table 2–15.
Table 2–15. Cyclone II DQS & DQ Bus Mode Support (Part 2 of 2)
Note (1)
Device
Package
Number of ×8
Groups
Number of ×9
Groups (5), (6)
Number of ×16
Groups
Number of ×18
Groups (5), (6)


Similar Part No. - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C35 ALTERA-EP2C35 Datasheet
3Mb / 54P
   SECTION IV. I/O STANDARDS
EP2C35 ALTERA-EP2C35 Datasheet
157Kb / 7P
   Cyclone Series Device Thermal Resistance
EP2C35 ALTERA-EP2C35 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP2C35 ALTERA-EP2C35 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C35 ALTERA-EP2C35 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP2C35A15F324C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com