Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDK-IDM-L35 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RDK-IDM-L35
Description  Intelligent Display Module with
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RDK-IDM-L35 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RDK-IDM-L35 Datasheet HTML 1Page - List of Unclassifed Manufacturers RDK-IDM-L35 Datasheet HTML 2Page - List of Unclassifed Manufacturers RDK-IDM-L35 Datasheet HTML 3Page - List of Unclassifed Manufacturers RDK-IDM-L35 Datasheet HTML 4Page - List of Unclassifed Manufacturers RDK-IDM-L35 Datasheet HTML 5Page - List of Unclassifed Manufacturers RDK-IDM-L35 Datasheet HTML 6Page - List of Unclassifed Manufacturers RDK-IDM-L35 Datasheet HTML 7Page - List of Unclassifed Manufacturers RDK-IDM-L35 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
October 23, 2008
5
BOARD
DA T A
SHEET
Wiring
Figure 3 shows all possible electrical connections, including RS232, analog inputs, and
digital I/O. The actual functionality of the peripheral connections is determined by the
application software.
Figure 3. Connection Diagram
Software Development
The MDL-IDM-L35 ships with a factory-programmed example application. This application
must be replaced with a program specific to the end product. Development requires the use
of a compiler capable of generating code for an ARM® Cortex™-M3 processor. Visit
www.luminarymicro.com to download evaluation versions of suitable development tools.
The Luminary Micro Graphics Library accelerates software development by providing a
range of display-related extensions to the standard StellarisWare™ Software. The Graphics
Library includes widgets, low-level drawing primitives, and display drivers.
Graphics Library widgets encapsulate the ability to render a GUI element, detect if a
touchscreen press occurred within its bounds, and react to presses. Widgets may be used
in a hierarchical manner to provide groups of associated widgets, such as radio buttons.
Examples of widgets include check boxes, buttons, sliders, and images.
Drawing primitives are elementary geometric items. The Graphics Library includes
primitives such as lines, circles, filled circles, rectangles, and fonts. A selection of pre-built
fonts is included and additional user fonts may be added to the library.
1
microSD Card
Digital I /O (8)
JTAG/SWD
Serial Header
Digital I /O (4)
5V
GND
RS232
Serial Port
Analog
Inputs (4)
Digital I /O (4)
5V
GND


Similar Part No. - RDK-IDM-L35

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RDK-IDM-L35 TI-RDK-IDM-L35 Datasheet
441Kb / 8P
[Old version datasheet]   Intelligent Display Module with 3.5" Landscape Display
More results

Similar Description - RDK-IDM-L35

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MDL-IDM-L35 TI-MDL-IDM-L35 Datasheet
441Kb / 8P
[Old version datasheet]   Intelligent Display Module with 3.5" Landscape Display
logo
Crystalfontz America, I...
CFA631-TMF-KU CRYSTAIFONTZ-CFA631-TMF-KU Datasheet
5Mb / 81P
   INTELLIGENT DISPLAY MODULE
CFA631 CRYSTAIFONTZ-CFA631 Datasheet
5Mb / 81P
   INTELLIGENT DISPLAY MODULE
logo
4D Systems Pty Ltd
ULCD-90D 4DSYSTEMS-ULCD-90D Datasheet
4Mb / 26P
   9.0 DIABLO16 INTELLIGENT DISPLAY MODULE
18 th March 2021/REVISION: 1. 2
logo
List of Unclassifed Man...
ULCD-35DT ETC2-ULCD-35DT Datasheet
1Mb / 25P
   3.5 DIABLO16 Intelligent Display Module
ULCD-70DT ETC2-ULCD-70DT Datasheet
2Mb / 22P
   7.0??DIABLO16 Intelligent Display Module
logo
Purdy Electronics Corpo...
AND721GST PURDY-AND721GST Datasheet
115Kb / 2P
   Intelligent Character Display
AND791GST PURDY-AND791GST Datasheet
151Kb / 3P
   Intelligent Character Display
logo
OSRAM GmbH
DLX2416 OSRAM-DLX2416 Datasheet
222Kb / 5P
   Intelligent Display Device
DLX1414 OSRAM-DLX1414 Datasheet
202Kb / 4P
   Intelligent Display Products
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com