Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDK-IDM-L35 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RDK-IDM-L35
Description  Intelligent Display Module with
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RDK-IDM-L35 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RDK-IDM-L35 Datasheet HTML 1Page - List of Unclassifed Manufacturers RDK-IDM-L35 Datasheet HTML 2Page - List of Unclassifed Manufacturers RDK-IDM-L35 Datasheet HTML 3Page - List of Unclassifed Manufacturers RDK-IDM-L35 Datasheet HTML 4Page - List of Unclassifed Manufacturers RDK-IDM-L35 Datasheet HTML 5Page - List of Unclassifed Manufacturers RDK-IDM-L35 Datasheet HTML 6Page - List of Unclassifed Manufacturers RDK-IDM-L35 Datasheet HTML 7Page - List of Unclassifed Manufacturers RDK-IDM-L35 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
October 23, 2008
3
BOARD
DA T A
SHEET
Module Block Diagram
Figure 2 shows the block diagram for the MDL-IDM-L35.
Figure 2. Block Diagram
QVGA
3.5" LCD
Panel
LCD
Driver
Stellaris
LM3S1958
Microcontroller
Speaker
microSD
card
microSD
RS232
Serial
Analog
5 V
ADC (4)
Analog touch signals
3.3V
Regulator
3.3V
5V
5V DC Jack
Data
Ctrl
Digital I/O (4)
ESD Protected
ESD Protected
Digital I /O (8)
Digital I /O (4)
Serial Header


Similar Part No. - RDK-IDM-L35

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RDK-IDM-L35 TI-RDK-IDM-L35 Datasheet
441Kb / 8P
[Old version datasheet]   Intelligent Display Module with 3.5" Landscape Display
More results

Similar Description - RDK-IDM-L35

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MDL-IDM-L35 TI-MDL-IDM-L35 Datasheet
441Kb / 8P
[Old version datasheet]   Intelligent Display Module with 3.5" Landscape Display
logo
Crystalfontz America, I...
CFA631-TMF-KU CRYSTAIFONTZ-CFA631-TMF-KU Datasheet
5Mb / 81P
   INTELLIGENT DISPLAY MODULE
CFA631 CRYSTAIFONTZ-CFA631 Datasheet
5Mb / 81P
   INTELLIGENT DISPLAY MODULE
logo
4D Systems Pty Ltd
ULCD-90D 4DSYSTEMS-ULCD-90D Datasheet
4Mb / 26P
   9.0 DIABLO16 INTELLIGENT DISPLAY MODULE
18 th March 2021/REVISION: 1. 2
logo
List of Unclassifed Man...
ULCD-35DT ETC2-ULCD-35DT Datasheet
1Mb / 25P
   3.5 DIABLO16 Intelligent Display Module
ULCD-70DT ETC2-ULCD-70DT Datasheet
2Mb / 22P
   7.0??DIABLO16 Intelligent Display Module
logo
Purdy Electronics Corpo...
AND721GST PURDY-AND721GST Datasheet
115Kb / 2P
   Intelligent Character Display
AND791GST PURDY-AND791GST Datasheet
151Kb / 3P
   Intelligent Character Display
logo
OSRAM GmbH
DLX2416 OSRAM-DLX2416 Datasheet
222Kb / 5P
   Intelligent Display Device
DLX1414 OSRAM-DLX1414 Datasheet
202Kb / 4P
   Intelligent Display Products
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com