Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F85226 Datasheet(PDF) 35 Page - Feature Integration Technology Inc.

Part # F85226
Description  LPC to ISA Bridge
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F85226 Datasheet(HTML) 35 Page - Feature Integration Technology Inc.

Back Button F85226 Datasheet HTML 31Page - Feature Integration Technology Inc. F85226 Datasheet HTML 32Page - Feature Integration Technology Inc. F85226 Datasheet HTML 33Page - Feature Integration Technology Inc. F85226 Datasheet HTML 34Page - Feature Integration Technology Inc. F85226 Datasheet HTML 35Page - Feature Integration Technology Inc. F85226 Datasheet HTML 36Page - Feature Integration Technology Inc. F85226 Datasheet HTML 37Page - Feature Integration Technology Inc. F85226 Datasheet HTML 38Page - Feature Integration Technology Inc. F85226 Datasheet HTML 39Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Fintek
Feature Integration Technology Inc.
F85226
July, 2007
V0.25P
30
F85226
8.43 KBC Decoder Address Low Byte Register – Index 0x37
Power-on default [7:0] =0110_0000b
Bit
Name
R/W
PWR
Description
7-0
KBC_DEC
R/W
VDD3V
This register contains the address for KBC decoder.
CR37 Bit [7..0] are used to define low byte of specify address.
CR38 Bit [7..0] are used to define high byte of specify address.
For example: Decoding address was set to be 0x060h when wrote 60h to CR37 and
00h to CR38.
8.44 KBC Decoder Address High Byte Register – Index 0x38
Power-on default [7:0] =0000_0000b
Bit
Name
R/W
PWR
Description
7-0
KBC_DEC
R/W
VDD3V
This register contains the address for KBC decoder.
CR37 Bit [7..0] are used to define low byte of specify address.
CR38 Bit [7..0] are used to define high byte of specify address.
For example: Decoding address was set to be 0x060h when wrote 60h to CR37 and
00h to CR38.
8.45 MC Decoder Mask Register – Index 0x39
Power-on default [7:0] =0000_0100b
Bit
Name
R/W
PWR
Description
7-0
MC _MASK
R/W
VDD3V
This register is used to mask address bits (A7~A0) for specify address decoder, if
the corresponding bit of this register is set to a 1, the corresponding address
bit(A7~A0) is ignored by the specify address decoder.
For example: If the decoding range is 0x062 & 0x066, you can set 0x062 to CR3A,
3B and 04h to CR39.
8.46 MC Decoder Address Low Byte Register – Index 0x3A
Power-on default [7:0] =0110_0010b
Bit
Name
R/W
PWR
Description
7-0
MC_DEC
R/W
VDD3V
This register contains the address for KBC decoder.
CR3A Bit [7..0] are used to define low byte of specify address.
CR3B Bit [7..0] are used to define high byte of specify address.
For example: Decoding address was set to be 0x062h when wrote 60h to CR3A and
00h to CR3B.


Similar Part No. - F85226

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
   LPC to ISA Bridge
More results

Similar Description - F85226

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
   LPC to ISA Bridge
logo
Winbond
W83626F WINBOND-W83626F Datasheet
343Kb / 9P
   LPC-to-ISA Bridge
W83626F WINBOND-W83626F_05 Datasheet
235Kb / 23P
   LPC TO ISA BRIDGE SET
logo
Feature Integration Tec...
F81218 FINTEK-F81218 Datasheet
1Mb / 64P
   ISA/LPC to 6 UART Datasheet
logo
Microchip Technology
ECE1200 MICROCHIP-ECE1200 Datasheet
990Kb / 87P
   eSPI to LPC Bridge
02/28/20
logo
Nuvoton Technology Corp...
W83628AG NUVOTON-W83628AG Datasheet
857Kb / 65P
   PCI TO ISA BRIDGE
logo
Winbond
W83628F WINBOND-W83628F Datasheet
255Kb / 25P
   PCI TO ISA BRIDGE SET
logo
National Semiconductor ...
PC87200 NSC-PC87200 Datasheet
114Kb / 33P
   PC87200 PCI to ISA Bridge
logo
Winbond
W83628F WINBOND-W83628F Datasheet
271Kb / 25P
   PCI TO ISA BRIDGE SET
logo
Advantech Co., Ltd.
PCM-3117 ADVANTECH-PCM-3117 Datasheet
348Kb / 1P
   2-slot CardBus Module PCI to ISA Bridge Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com