Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F85226 Datasheet(PDF) 16 Page - Feature Integration Technology Inc.

Part # F85226
Description  LPC to ISA Bridge
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F85226 Datasheet(HTML) 16 Page - Feature Integration Technology Inc.

Back Button F85226 Datasheet HTML 12Page - Feature Integration Technology Inc. F85226 Datasheet HTML 13Page - Feature Integration Technology Inc. F85226 Datasheet HTML 14Page - Feature Integration Technology Inc. F85226 Datasheet HTML 15Page - Feature Integration Technology Inc. F85226 Datasheet HTML 16Page - Feature Integration Technology Inc. F85226 Datasheet HTML 17Page - Feature Integration Technology Inc. F85226 Datasheet HTML 18Page - Feature Integration Technology Inc. F85226 Datasheet HTML 19Page - Feature Integration Technology Inc. F85226 Datasheet HTML 20Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Fintek
Feature Integration Technology Inc.
F85226
July, 2007
V0.25P
11
F85226
Size:
LPC host on DMA or bus master on memory transaction issue data size that will be transferred by LAD[1:0]
and LAD[3:2] must be driven 0x00b.
Turn-Around:
LPC host or peripheral will issue two clock wide cycles after turning control over to peripheral or turning
back from peripheral to host. LAD[3:0] should be driven to high level on first cycle and release to tri-state
on next one.
Address:
While doing IO transaction, this duration is four clock wide that indicates 16-bit address, on Memory cycles
there are eight clocks that indicates 32-bit address will be asserted by LPC host or Master. The duration is
not asserted on DMA transaction.
Channel and Terminal count:
Only on DMA transferring, LAD[2:0] signals indicate granted channel in one clock cycle. LAD[3] indicates
Terminal count down.
Data:
Each frame can carry one byte (8 bit), first nibble is Data[7;4] and next is Data[3:0].
SYNC:
LPC host or peripheral can add wait state, response error and ready to accept a frame by LAD[3:0].
0x0h:
Ready
0x5h:
Short Wait, maximum number of SYNC is 8 clocks.
0x6h:
Long Wait, no maximum number.
0x9h:
Ready More on DMA transaction.
0xAh:
Error, it relates to IOCHK# on ISA interface.
Others: Reserved.
STA : .. Start Cycle
CT : .. Cycle Type and Direction
H_TAR: . Host Turn-Around
P_TAR: Peripheral Turn-Around
CT
Addr[15:0]/ [31:0]
H_TAR
SYNC
SYNC
SYNC
Data[7:0]
Data[7:0]
LCLK
LFRAME#
LAD[3:0]
P_TAR
STA
Figure: Read Cycles


Similar Part No. - F85226

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
   LPC to ISA Bridge
More results

Similar Description - F85226

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
   LPC to ISA Bridge
logo
Winbond
W83626F WINBOND-W83626F Datasheet
343Kb / 9P
   LPC-to-ISA Bridge
W83626F WINBOND-W83626F_05 Datasheet
235Kb / 23P
   LPC TO ISA BRIDGE SET
logo
Feature Integration Tec...
F81218 FINTEK-F81218 Datasheet
1Mb / 64P
   ISA/LPC to 6 UART Datasheet
logo
Microchip Technology
ECE1200 MICROCHIP-ECE1200 Datasheet
990Kb / 87P
   eSPI to LPC Bridge
02/28/20
logo
Nuvoton Technology Corp...
W83628AG NUVOTON-W83628AG Datasheet
857Kb / 65P
   PCI TO ISA BRIDGE
logo
Winbond
W83628F WINBOND-W83628F Datasheet
255Kb / 25P
   PCI TO ISA BRIDGE SET
logo
National Semiconductor ...
PC87200 NSC-PC87200 Datasheet
114Kb / 33P
   PC87200 PCI to ISA Bridge
logo
Winbond
W83628F WINBOND-W83628F Datasheet
271Kb / 25P
   PCI TO ISA BRIDGE SET
logo
Advantech Co., Ltd.
PCM-3117 ADVANTECH-PCM-3117 Datasheet
348Kb / 1P
   2-slot CardBus Module PCI to ISA Bridge Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com