Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F85226 Datasheet(PDF) 10 Page - Feature Integration Technology Inc.

Part # F85226
Description  LPC to ISA Bridge
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F85226 Datasheet(HTML) 10 Page - Feature Integration Technology Inc.

Back Button F85226 Datasheet HTML 6Page - Feature Integration Technology Inc. F85226 Datasheet HTML 7Page - Feature Integration Technology Inc. F85226 Datasheet HTML 8Page - Feature Integration Technology Inc. F85226 Datasheet HTML 9Page - Feature Integration Technology Inc. F85226 Datasheet HTML 10Page - Feature Integration Technology Inc. F85226 Datasheet HTML 11Page - Feature Integration Technology Inc. F85226 Datasheet HTML 12Page - Feature Integration Technology Inc. F85226 Datasheet HTML 13Page - Feature Integration Technology Inc. F85226 Datasheet HTML 14Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Fintek
Feature Integration Technology Inc.
F85226
July, 2007
V0.25P
5
F85226
14
PCIRST#
INts
VDD3v
PCI system reset used for the LPC bus. The Reset signal line can
be connected to PCIRST# signal on the host.
23
SERIRQ
I/O24ts
VDD3v
Serial IRQ Input/Output.
22
LDRQ#
O24
VDD3v
Encoded DMA Request signal.
24
PWRDN#
INts
VDD3v
Power Down. The signal is active low according to CR 44 Bit 7and
wake-up enable by hardware setting. There are eight different
power-down states (Power down Mode 3).
6.4
ISA interface
Pin No.
Pin Name
Type
PWR
Description
58-56
SA[19:17]
I/O24ts_u100k
(5V-tolerance)
VDD3v
System Address Bus. These are the upper addresses that define
the ISA’s byte address space (up to 1 M byte). The SA [19:17] are
at tri-states during PCIRST#.
54-51
49-46
44-41
35-31
SA[16:0]
I/O24ts_u100k
(5V-tolerance)
VDD3v
System Address Bus. These define the ISA’s byte address space
(up to 128K byte). The SD [16:0] are at tri-states during PCIRST#.
122-121
119-114
75-71
69-67
SD[15:0]
I/O24ts_u100k
(5V-tolerance)
VDD3v
System Data Bus. These provide 16-bit data for devices to reside
on the ISA Bus. The SD [15:0] are at tri-states during PCIRST#.
59
AEN
O24
(5V-tolerance)
VDD3v
Address Enable. AEN is asserted during DMA cycles, driven high
during F85226 initiated refresh cycles, driven low upon PCIRST#.
86
IOR#
I/O24ts_u100k
(5V-tolerance)
VDD3v
I/O Read. IOR# is asserted to request an ISA I/O slave to drive
data onto the data bus.
84
IOW#
I/O24ts_u100k
(5V-tolerance)
VDD3v
I/O Write. IOW# is asserted to request an ISA I/O slave to accept
data from the data bus.
61
IOCHRDY
I/O24ts
(5V-tolerance)
VDD3v
I/O Channel Ready. IOCHDRY asserted indicates that an ISA
slave requires additional wait states. When the F85226 is an ISA
slave, IOCHRDY is an output indicating additional wait states are
required.
92
SYSCLK
O24
VDD3v
ISA System Clock. SYSCLK offers the reference clock to the ISA
bus. The frequency is generated from dividing PCICLK by 3 or 4
(select by CR06 bit7).
77
RSTDRV
O24
VDD3v
Reset Drive. RSTDRV asserted indicates to reset devices that
reside on the ISA Bus while the PCIRST# has been asserted.


Similar Part No. - F85226

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
   LPC to ISA Bridge
More results

Similar Description - F85226

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
   LPC to ISA Bridge
logo
Winbond
W83626F WINBOND-W83626F Datasheet
343Kb / 9P
   LPC-to-ISA Bridge
W83626F WINBOND-W83626F_05 Datasheet
235Kb / 23P
   LPC TO ISA BRIDGE SET
logo
Feature Integration Tec...
F81218 FINTEK-F81218 Datasheet
1Mb / 64P
   ISA/LPC to 6 UART Datasheet
logo
Microchip Technology
ECE1200 MICROCHIP-ECE1200 Datasheet
990Kb / 87P
   eSPI to LPC Bridge
02/28/20
logo
Nuvoton Technology Corp...
W83628AG NUVOTON-W83628AG Datasheet
857Kb / 65P
   PCI TO ISA BRIDGE
logo
Winbond
W83628F WINBOND-W83628F Datasheet
255Kb / 25P
   PCI TO ISA BRIDGE SET
logo
National Semiconductor ...
PC87200 NSC-PC87200 Datasheet
114Kb / 33P
   PC87200 PCI to ISA Bridge
logo
Winbond
W83628F WINBOND-W83628F Datasheet
271Kb / 25P
   PCI TO ISA BRIDGE SET
logo
Advantech Co., Ltd.
PCM-3117 ADVANTECH-PCM-3117 Datasheet
348Kb / 1P
   2-slot CardBus Module PCI to ISA Bridge Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com