Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F85226 Datasheet(PDF) 9 Page - Feature Integration Technology Inc.

Part # F85226
Description  LPC to ISA Bridge
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F85226 Datasheet(HTML) 9 Page - Feature Integration Technology Inc.

Back Button F85226 Datasheet HTML 5Page - Feature Integration Technology Inc. F85226 Datasheet HTML 6Page - Feature Integration Technology Inc. F85226 Datasheet HTML 7Page - Feature Integration Technology Inc. F85226 Datasheet HTML 8Page - Feature Integration Technology Inc. F85226 Datasheet HTML 9Page - Feature Integration Technology Inc. F85226 Datasheet HTML 10Page - Feature Integration Technology Inc. F85226 Datasheet HTML 11Page - Feature Integration Technology Inc. F85226 Datasheet HTML 12Page - Feature Integration Technology Inc. F85226 Datasheet HTML 13Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Fintek
Feature Integration Technology Inc.
F85226
July, 2007
V0.25P
4
F85226
INt
- TTL level input pin.
INts
- TTL level input pin and schmitt trigger.
P
- Power.
6.1
Power Pin
Pin No.
Pin Name
Type
Description
5, 20, 25, 45, 55, 70, 85, 105, 120
VDD3V
P
Standard Power Supply Voltage Input with 3.3V.
15, 30, 50, 60, 80, 95, 110, 125
GND
P
Ground.
6.2
Power on strapping signal
Pin No
Pin Name
Type
PWR
Description
36
80PCS#/KBEN#
I/OD24ts_u100k
(5V-tolerance)
VDD3v
Power-on strapping with external pulled-down resistor 10k will
enable K/B and mouse functions. When it is set, pin 38, 39 and 40
will execute IRQ1, KBCS# and MCCS# signals.
37
ROMCS#/ROM_EN
I/O24ts
(5V-tolerance)
VDD3v
Power-on strapping without internal resister, need external
pulled-up resistor to enable CR03h (BIOS_ROM_EN bit) If there is
a boot-ROM (BIOS). Else if without boot-ROM, please use external
pulled-down 10K resister to disable this BIOS_ROM_EN.
126
DACK7#/RTCEN#
I/O24ts_u100k
(5V-tolerance)
VDD3v
Power-on strapping with external pulled-down 10k resistor will
enable RTC functions. When it is set, pin 64 and 65 will do IRQ8
and RTCCS# signals.
128
DACK6#/HEFRAS
I/O24ts_u100k
(5V-tolerance)
VDD3v
Set this function will change the port that is used to access
configuration registers. Default setting is 4Eh, but by power-on
strapping with a external pulled-down 10k resister change to 2Eh.
2
DACK5#/EN_GP2X
I/O24ts_u100k
(5V-tolerance)
VDD3v
Power-on strapping with external pulled-down 10k resistor. Then it
will disable LA [19:17] function and pin108~pin111, pin29 use as
GPIO2X function.
6.3
LPC interface
Pin No.
Pin Name
Type
PWR
Description
16-19
LAD[3:0]
I/O24ts
VDD3v
Multiplexed command, address bi-directional data and cycle status.
Through the LPC bus between a host and a peripheral.
13
LFRAME#
INts
VDD3v
Low pulse indicates start of a new cycle or termination of broken
cycle.
21
PCICLK
INt
VDD3v
PCI clock used for the LPC bus. Same 33MHz clock as PCI clock
on the host. Same clock phase with typical PCI skew.


Similar Part No. - F85226

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
LPC to ISA Bridge
More results

Similar Description - F85226

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87200 NSC-PC87200 Datasheet
114Kb / 33P
PC87200 PCI to ISA Bridge
logo
Winbond
W83626F WINBOND-W83626F Datasheet
343Kb / 9P
LPC-to-ISA Bridge
W83628F WINBOND-W83628F Datasheet
271Kb / 25P
PCI TO ISA BRIDGE SET
W83628F WINBOND-W83628F Datasheet
255Kb / 25P
PCI TO ISA BRIDGE SET
W83626F WINBOND-W83626F_05 Datasheet
235Kb / 23P
LPC TO ISA BRIDGE SET
logo
Feature Integration Tec...
F81218 FINTEK-F81218 Datasheet
1Mb / 64P
ISA/LPC to 6 UART Datasheet
logo
Advantech Co., Ltd.
PCM-3117 ADVANTECH-PCM-3117 Datasheet
348Kb / 1P
2-slot CardBus Module PCI to ISA Bridge Module
logo
Feature Integration Tec...
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
LPC to ISA Bridge
logo
Nuvoton Technology Corp...
W83628AG NUVOTON-W83628AG Datasheet
857Kb / 65P
PCI TO ISA BRIDGE
logo
Microchip Technology
ECE1200 MICROCHIP-ECE1200 Datasheet
990Kb / 87P
eSPI to LPC Bridge
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com