Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F85226 Datasheet(PDF) 6 Page - Feature Integration Technology Inc.

Part # F85226
Description  LPC to ISA Bridge
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F85226 Datasheet(HTML) 6 Page - Feature Integration Technology Inc.

Back Button F85226 Datasheet HTML 2Page - Feature Integration Technology Inc. F85226 Datasheet HTML 3Page - Feature Integration Technology Inc. F85226 Datasheet HTML 4Page - Feature Integration Technology Inc. F85226 Datasheet HTML 5Page - Feature Integration Technology Inc. F85226 Datasheet HTML 6Page - Feature Integration Technology Inc. F85226 Datasheet HTML 7Page - Feature Integration Technology Inc. F85226 Datasheet HTML 8Page - Feature Integration Technology Inc. F85226 Datasheet HTML 9Page - Feature Integration Technology Inc. F85226 Datasheet HTML 10Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Fintek
Feature Integration Technology Inc.
F85226
July, 2007
V0.25P
1
F85226
1. General Description
The F85226 is a LPC to ISA Bridge IC for new generation chipset which is no support for ISA bus and
slots. However the demand of ISA devices still exists. Therefore LPC to ISA Bridge IC is necessary to be
used for new chipset system. The F85226 is the best selection even though there is the PCI to ISA Bridge
for supporting ISA device, because the issue of package size is critical for layout requirement. Follows the
point at these issues, the F85226 is optimal solution for the non-ISA chipset, the package of F85226 will be
the best chosen for economic solution and save the layout size of Motherboard.
The F85226 absolutely meets LPC spec. 1.1 and supports fully ISA interface. Provides multi-ISA
compatible slots without buffering and supports ISA parallel IRQ transfer to serial IRQ by IRQ Serialier. The
F85226 also provides programmable general purpose I/O pins for user. It is completely LPC to ISA bridge
specialized chip.
2. Features
Meets LPC spec. 1.1
Supports LDRQ#(LPC DMA), SERIRQ(Serial IRQ)
Fully ISA bridge support except bus master(By conditions)
Supports 8/16bit I/O and memory R/W
All software transparent
All ISA signals can be isolate
ISA parallel IRQ transfer to serial IRQ by IRQ Serialier
Supports multi-slots without buffering
Supports the PCI clock to divide by 3 or 4 for ISA bus
Supports to generate two 14.318MHz buffer out from one 14.318MHz in
4 sets of address decoder supported
Supports programmable general purpose I/O pins
Powered by 3Vcc (Signal 5V tolerance)
128pin PQFP package
3. Key Specifications
Supply Voltage
3.0v to 3.6v
Operating Supply current
4mA typ.


Similar Part No. - F85226

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
LPC to ISA Bridge
More results

Similar Description - F85226

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87200 NSC-PC87200 Datasheet
114Kb / 33P
PC87200 PCI to ISA Bridge
logo
Winbond
W83626F WINBOND-W83626F Datasheet
343Kb / 9P
LPC-to-ISA Bridge
W83628F WINBOND-W83628F Datasheet
271Kb / 25P
PCI TO ISA BRIDGE SET
W83628F WINBOND-W83628F Datasheet
255Kb / 25P
PCI TO ISA BRIDGE SET
W83626F WINBOND-W83626F_05 Datasheet
235Kb / 23P
LPC TO ISA BRIDGE SET
logo
Feature Integration Tec...
F81218 FINTEK-F81218 Datasheet
1Mb / 64P
ISA/LPC to 6 UART Datasheet
logo
Advantech Co., Ltd.
PCM-3117 ADVANTECH-PCM-3117 Datasheet
348Kb / 1P
2-slot CardBus Module PCI to ISA Bridge Module
logo
Feature Integration Tec...
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
LPC to ISA Bridge
logo
Nuvoton Technology Corp...
W83628AG NUVOTON-W83628AG Datasheet
857Kb / 65P
PCI TO ISA BRIDGE
logo
Microchip Technology
ECE1200 MICROCHIP-ECE1200 Datasheet
990Kb / 87P
eSPI to LPC Bridge
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com