Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75373S Datasheet(PDF) 36 Page - Feature Integration Technology Inc.

Part # F75373S
Description  Fintek Hardware Monitor IC Datasheet
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75373S Datasheet(HTML) 36 Page - Feature Integration Technology Inc.

Back Button F75373S Datasheet HTML 32Page - Feature Integration Technology Inc. F75373S Datasheet HTML 33Page - Feature Integration Technology Inc. F75373S Datasheet HTML 34Page - Feature Integration Technology Inc. F75373S Datasheet HTML 35Page - Feature Integration Technology Inc. F75373S Datasheet HTML 36Page - Feature Integration Technology Inc. F75373S Datasheet HTML 37Page - Feature Integration Technology Inc. F75373S Datasheet HTML 38Page - Feature Integration Technology Inc. F75373S Datasheet HTML 39Page - Feature Integration Technology Inc. F75373S Datasheet HTML 40Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Fintek
Feature Integration Technology Inc.
V0.25P
31
F75373
expect count registers(INDEX 74h,75h).
6.48 VT1 BOUNDARY 2 TEMPERATURE – Index A1h
Power-on default [7:0] =0011_0010b
Bit
Name
Attribute
Description
7-0
BOUND2TMP
R/W
The 2
nd BOUNDARY temperature for VT1 in temperature mode.
When VT1 temperature is exceed this boundary, FAN1 segment 2
speed count registers(INDEX A6h, A7h) will be loaded into FAN1
expect count registers(INDEX 74h,75h).
When VT1 temperature is below this boundary, FAN1 segment 3
speed count registers(INDEX A8h, A9h) will be loaded into FAN1
expect count registers(INDEX 74h,75h).
6.49 VT1 BOUNDARY 3 TEMPERATURE – Index A2h
Power-on default [7:0] =0010_1000b
Bit
Name
Attribute
Description
7-0
BOUND3TMP
R/W
The 3
rd BOUNDARY temperature for VT1 in temperature mode.
When VT1 temperature is exceed this boundary, FAN1 segment 3
speed count registers(INDEX A8h, A9h) will be loaded into FAN1
expect count registers(INDEX 74h,75h).
When VT1 temperature is below this boundary, FAN1 segment 4
speed count registers(INDEX AAh, ABh) will be loaded into FAN1
expect count registers(INDEX 74h,75h).
6.50 VT1 BOUNDARY 4 TEMPERATURE – Index A3h
Power-on default [7:0] =0001_1110b
Bit
Name
Attribute
Description
7-0
BOUND4TMP
R/W
The 4
th BOUNDARY temperature for VT1 in temperature mode.
When VT1 temperature is exceed this boundary, FAN1 segment 4
speed count registers(INDEX AAh, ABh) will be loaded into FAN1


Similar Part No. - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75375SG FINTEK-F75375SG Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
F75377R FINTEK-F75377R Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
More results

Similar Description - F75373S

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
logo
Feature Integration Tec...
F72603R FINTEK-F72603R Datasheet
196Kb / 22P
Fintek ACPI Controller IC Datasheet
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
hardware monitor with api
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
TruTherm Hardware Monitor
logo
SMSC Corporation
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
SST Compliant Hardware Monitor
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
SST Compliant Hardware Monitor
logo
Nuvoton Technology Corp...
NCT6686D NUVOTON-NCT6686D Datasheet
4Mb / 287P
HARDWARE DATASHEET(External Architecture)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com