Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75373S Datasheet(PDF) 34 Page - Feature Integration Technology Inc.

Part # F75373S
Description  Fintek Hardware Monitor IC Datasheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75373S Datasheet(HTML) 34 Page - Feature Integration Technology Inc.

Back Button F75373S Datasheet HTML 30Page - Feature Integration Technology Inc. F75373S Datasheet HTML 31Page - Feature Integration Technology Inc. F75373S Datasheet HTML 32Page - Feature Integration Technology Inc. F75373S Datasheet HTML 33Page - Feature Integration Technology Inc. F75373S Datasheet HTML 34Page - Feature Integration Technology Inc. F75373S Datasheet HTML 35Page - Feature Integration Technology Inc. F75373S Datasheet HTML 36Page - Feature Integration Technology Inc. F75373S Datasheet HTML 37Page - Feature Integration Technology Inc. F75373S Datasheet HTML 38Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Fintek
Feature Integration Technology Inc.
V0.25P
29
F75373
7-0
FAN2_EXPECT
(MSB)
R/W
User expect fan2 count value, program this register to control the
expect fan2 speed
6.42 FAN2 expect count Register-- Index 85h
Power on default [7:0] = 0101_1101b
Bit
Name
Attribute
Description
7-0
FAN2_EXPECT
(LSB)
R/W
User expect fan2 count value, program this register to control the
expect fan2 speed
6.43 PWM_duty -- Index 86h
Power on default: 1111_1111b
Bit
Name
Attribute
Description
7-0
PWM_DUTY2
R/W
PWMOUT2 duty cycle. This register is programmable at MANUAL
mode. At SPEED or TEMPERATURE mode, this register reflects
current PWMOUT duty-cycle.
6.44 GPIOx Output Control Register – Index 90h
Power-on default [7:0] =0000_0000b
Bit
Name
Attribute
Description
7-4
Reserved
RO
Read back will be 0;
3
GPIO3_OCTRL
R/W
GPIO3 output control. Set to 1 for output function. Set to 0 for input
function(default).
2
GPIO2_OCTRL
R/W
GPIO2 output control. If this pin serves as IRQ/SMI#, this bit has no
effect. Set to 1 for output function. Set to 0 for input function(default).
1
GPIO1_OCTRL
R/W
GPIO1 output control. Set to 1 for output function. Set to 0 for input
function(default).
0
GPIO0_OCTRL
R/W
GPIO0 output control. Set to 1 for output function. Set to 0 for input
function(default).


Similar Part No. - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75375SG FINTEK-F75375SG Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
F75377R FINTEK-F75377R Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
More results

Similar Description - F75373S

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
logo
Feature Integration Tec...
F72603R FINTEK-F72603R Datasheet
196Kb / 22P
Fintek ACPI Controller IC Datasheet
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
hardware monitor with api
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
TruTherm Hardware Monitor
logo
SMSC Corporation
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
SST Compliant Hardware Monitor
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
SST Compliant Hardware Monitor
logo
Nuvoton Technology Corp...
NCT6686D NUVOTON-NCT6686D Datasheet
4Mb / 287P
HARDWARE DATASHEET(External Architecture)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com