Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75373S Datasheet(PDF) 33 Page - Feature Integration Technology Inc.

Part # F75373S
Description  Fintek Hardware Monitor IC Datasheet
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75373S Datasheet(HTML) 33 Page - Feature Integration Technology Inc.

Back Button F75373S Datasheet HTML 29Page - Feature Integration Technology Inc. F75373S Datasheet HTML 30Page - Feature Integration Technology Inc. F75373S Datasheet HTML 31Page - Feature Integration Technology Inc. F75373S Datasheet HTML 32Page - Feature Integration Technology Inc. F75373S Datasheet HTML 33Page - Feature Integration Technology Inc. F75373S Datasheet HTML 34Page - Feature Integration Technology Inc. F75373S Datasheet HTML 35Page - Feature Integration Technology Inc. F75373S Datasheet HTML 36Page - Feature Integration Technology Inc. F75373S Datasheet HTML 37Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
Fintek
Feature Integration Technology Inc.
V0.25P
28
F75373
6.38 FAN2 full speed Register 1
 Index 81h
Power on default: 1111_1111b
Bit
Name
Attribute
Description
7-0
FAN2_FULL
(LSB)
R/W
While PIN4 is set to PWMOUT mode, the PWMOUT2 will output full
duty cycle (FFh) to enable system FAN. After 15 seconds, assuming
the fan has been fully turned on, the fan speed count detected will be
recorded in the register.
6.39 FAN2 expect timeout speed Register
 Index 82h
Power on default: 0000_0001b
Bit
Name
Attribute
Description
7-0
FAN2_TSPEED
R/W
The fan2 timeout count, when software idle timeout is happen, this
count will be load to FAN1 expect register. The default count is 11/8
of FAN2_FULL reg. ( 73% of full speed).
This register is only valid at HALF-AUTOMATIC(SPEED) mode.
6.40 FAN2 expect timeout speed Register
 Index 83h
Power on default: 0101_1101b
Bit
Name
Attribute
Description
7-0
FAN2_TSPEED
(LSB)
R/W
The fan2 timeout count, when software idle timeout is happen, this
count will be load to FAN2 expect register. The default count is 11/8
of FAN2_FULL reg. ( 73% of full speed).
This register is only valid at HALF-AUTOMATIC(SPEED) mode.
6.41 FAN2 expect count Register-- Index 84h
Power on default [7:0] = 0000_0001b
Bit
Name
Attribute
Description


Similar Part No. - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75375SG FINTEK-F75375SG Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
F75377R FINTEK-F75377R Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
More results

Similar Description - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F72603R FINTEK-F72603R Datasheet
196Kb / 22P
Fintek ACPI Controller IC Datasheet
logo
Nuvoton Technology Corp...
NCT6686D NUVOTON-NCT6686D Datasheet
4Mb / 287P
HARDWARE DATASHEET(External Architecture)
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
TruTherm Hardware Monitor
logo
SMSC Corporation
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
SST Compliant Hardware Monitor
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
hardware monitor with api
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
logo
SMSC Corporation
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
SST Compliant Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com