Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75373S Datasheet(PDF) 27 Page - Feature Integration Technology Inc.

Part # F75373S
Description  Fintek Hardware Monitor IC Datasheet
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75373S Datasheet(HTML) 27 Page - Feature Integration Technology Inc.

Back Button F75373S Datasheet HTML 23Page - Feature Integration Technology Inc. F75373S Datasheet HTML 24Page - Feature Integration Technology Inc. F75373S Datasheet HTML 25Page - Feature Integration Technology Inc. F75373S Datasheet HTML 26Page - Feature Integration Technology Inc. F75373S Datasheet HTML 27Page - Feature Integration Technology Inc. F75373S Datasheet HTML 28Page - Feature Integration Technology Inc. F75373S Datasheet HTML 29Page - Feature Integration Technology Inc. F75373S Datasheet HTML 30Page - Feature Integration Technology Inc. F75373S Datasheet HTML 31Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
Fintek
Feature Integration Technology Inc.
V0.25P
22
F75373
automatically adjusted according to FAN2 EXPECT register.
01:
FAN2 operates in TEMPERATURE mode. PWMOUT2 duty-cycle
is automatically adjusted according to FAN2 EXPECT register, which
will be automatically loaded into preset values according to the
current temperature. (When PIN3 power-on trapped to 1, this mode
is selected after power-on.)
1X:
FAN2 operates in MANUAL mode. Software set the PWMOUT2
duty-cycle directly.
5-4
FAN1_MODE
R/W
00:
FAN1 operates in SPEED mode. PWMOUT1 duty-cycle is
automatically adjusted according to FAN1 EXPECT register.
01:
FAN1 operates in TEMPERATURE mode. PWMOUT1 duty-cycle
is automatically adjusted according to FAN1 EXPECT register, which
will be automatically loaded into preset values according to the
current temperature. (When PIN3 power-on trapped to 1, this mode
is selected after power-on.)
1X:
FAN1 operates in MANUAL mode. Software set the PWMOUT1
duty-cycle directly.
3
Reserved
2
KEEP_DROP_DU
TY2
R/W
Set to 1, keep PWMOUT2 duty-cycle decrease to DROP duty and
hold.
1
KEEP_DROP_DU
TY1
R/W
Set to 1, keep PWMOUT1 duty-cycle decrease to DROP duty and
hold.
0
EN_RESET_TIME
R
R/W
Set to 1, enable interface_idle timer. Set to 0, disable the timer.
When the timer is enabled, if software doesn’t access the this chip
through GP_CLK and GP_DATA, the reset timer starts to count down
according to the value set in INDEX 62H. When it counts down to
zero, INDEX[72H, 73H] will be loaded into INDEX[74H,75H].
6.19 Fan Fault Time Register -- Index 61h
Power on default: B4h
Bit
Name
Attribute
Description
7-0
F_FAULT_TIME
R/W
This register determines the time of fan fault. Two conditions cause
fan fault event:


Similar Part No. - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
   Fintek Hardware Monitor IC Datasheet
F75375SG FINTEK-F75375SG Datasheet
1Mb / 55P
   Fintek Hardware Monitor IC Datasheet
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
   H/W Monitor IC with Automatic Fan Speed Control
F75377R FINTEK-F75377R Datasheet
1Mb / 66P
   H/W Monitor IC with Automatic Fan Speed Control
More results

Similar Description - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
   Fintek Hardware Monitor IC Datasheet
F72603R FINTEK-F72603R Datasheet
196Kb / 22P
   Fintek ACPI Controller IC Datasheet
logo
Nuvoton Technology Corp...
NCT6686D NUVOTON-NCT6686D Datasheet
4Mb / 287P
   HARDWARE DATASHEET(External Architecture)
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
[Old version datasheet]   TruTherm Hardware Monitor
logo
SMSC Corporation
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
   SST Compliant Hardware Monitor
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
   Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
   hardware monitor with api
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
SMSC Corporation
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
   SST Compliant Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com