Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75373S Datasheet(PDF) 22 Page - Feature Integration Technology Inc.

Part # F75373S
Description  Fintek Hardware Monitor IC Datasheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75373S Datasheet(HTML) 22 Page - Feature Integration Technology Inc.

Back Button F75373S Datasheet HTML 18Page - Feature Integration Technology Inc. F75373S Datasheet HTML 19Page - Feature Integration Technology Inc. F75373S Datasheet HTML 20Page - Feature Integration Technology Inc. F75373S Datasheet HTML 21Page - Feature Integration Technology Inc. F75373S Datasheet HTML 22Page - Feature Integration Technology Inc. F75373S Datasheet HTML 23Page - Feature Integration Technology Inc. F75373S Datasheet HTML 24Page - Feature Integration Technology Inc. F75373S Datasheet HTML 25Page - Feature Integration Technology Inc. F75373S Datasheet HTML 26Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Fintek
Feature Integration Technology Inc.
V0.25P
17
F75373
2Bh
R/W
Temperature sensor 2 Hysteresis Limit. The unit is 1
ºC.
2Ch
R/W
FAN1 Fan Count Limit
Note:
It is the number of counts of the internal clock for the Low Limit
of the fan speed.
2Dh
R/W
FAN1 Fan Count Limit
Note:
It is the number of counts of the internal clock for the Low Limit
of the fan speed.
2Eh
R/W
FAN2 Fan Count Limit
Note:
It is the number of counts of the internal clock for the Low Limit
of the fan speed.
2Fh
R/W
FAN2 Fan Count Limit
Note:
It is the number of counts of the internal clock for the Low Limit
of the fan speed.
Setting all ones to the high limits for voltages and fans (0111 1111 binary for temperature) means interrupts will never
be generated except the case when voltages go below the low limits.
6.7
IRQ/SMI# ENABLE Register 1
 Index 30h
Power on default: 00h
Bit
Name
Attribute
Description
7
EN_FAN2_SMI
R/W
A one enables the corresponding interrupt status bit for SMI#
interrupt
6
EN_FAN1_SMI
R/W
A one enables the corresponding interrupt status bit for SMI#
interrupt.
5
EN_VT2_SMI
R/W
A one enables the corresponding interrupt status bit for SMI#
interrupt.
4
EN_VT1_SMI
R/W
A one enables the corresponding interrupt status bit for SMI#
interrupt.
3
EN_V3_SMI
R/W
A one enables the corresponding interrupt status bit for SMI#
interrupt.
2
EN_V2_SMI
R/W
A one enables the corresponding interrupt status bit for SMI#
interrupt.
1
EN_V1_SMI
R/W
A one enables the corresponding interrupt status bit for SMI#
interrupt.
0
EN_VCC_SMI
R/W
A one enables the corresponding interrupt status bit for SMI#


Similar Part No. - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75375SG FINTEK-F75375SG Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
F75377R FINTEK-F75377R Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
More results

Similar Description - F75373S

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
logo
Feature Integration Tec...
F72603R FINTEK-F72603R Datasheet
196Kb / 22P
Fintek ACPI Controller IC Datasheet
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
hardware monitor with api
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
TruTherm Hardware Monitor
logo
SMSC Corporation
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
SST Compliant Hardware Monitor
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
SST Compliant Hardware Monitor
logo
Nuvoton Technology Corp...
NCT6686D NUVOTON-NCT6686D Datasheet
4Mb / 287P
HARDWARE DATASHEET(External Architecture)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com