Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75373S Datasheet(PDF) 21 Page - Feature Integration Technology Inc.

Part # F75373S
Description  Fintek Hardware Monitor IC Datasheet
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75373S Datasheet(HTML) 21 Page - Feature Integration Technology Inc.

Back Button F75373S Datasheet HTML 17Page - Feature Integration Technology Inc. F75373S Datasheet HTML 18Page - Feature Integration Technology Inc. F75373S Datasheet HTML 19Page - Feature Integration Technology Inc. F75373S Datasheet HTML 20Page - Feature Integration Technology Inc. F75373S Datasheet HTML 21Page - Feature Integration Technology Inc. F75373S Datasheet HTML 22Page - Feature Integration Technology Inc. F75373S Datasheet HTML 23Page - Feature Integration Technology Inc. F75373S Datasheet HTML 24Page - Feature Integration Technology Inc. F75373S Datasheet HTML 25Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Fintek
Feature Integration Technology Inc.
V0.25P
16
F75373
7-0
SERIAL_ADDR
RO
Serial Bus address. Power on default value depends on the status of
pin3(PWMOUT1/ADDR_TRAP) at the moment of power on. If the pin
status is 1, the value is 5Ch, otherwise is 5Ah.
To read or write registers of this chip, the serial address must match
this value.
This register can be written by a sequence value to this register :
A9h, C3h, XXh, in which XXh will be the value being written to this
register; this is to protect the register from being written by accident.
6.6
Value RAM
 Index 10h- 2Fh
Address 10-3F
Attribute
Description
10h
RO
VCC reading. The unit of reading is 7.8125mV.
11h
RO
V1 reading. The unit of reading is 7.8125mV.
12h
RO
V2 reading. The unit of reading is 7.8125mV.
13h
RO
V3 reading. The unit of reading is 7.8125mV.
14h
RO
Temperature 1 reading. The unit of reading is 1
ºC.
15h
RO
Temperature 2 reading. The unit of reading is 1
ºC.
16h
RO
FAN1 count reading (MSB)
17h
RO
FAN1 count reading (LSB)
18h
RO
FAN2 count reading (MSB)
19h
RO
FAN2 count reading (LSB)
1Ah~1Eh
Reserved
20h
R/W
VCC High Limit. The unit is 7.8125mV.
21h
R/W
VCC Low Limit. The unit is 7.8125mV.
22h
R/W
V1 High Limit. The unit is 7.8125mV.
23h
R/W
V1 Low Limit. The unit is 7.8125mV.
24h
R/W
V2 High Limit. The unit is 7.8125mV.
25h
R/W
V2 Low Limit. The unit is 7.8125mV.
26h
R/W
V3 High Limit. The unit is 7.8125mV.
27h
R/W
V3 Low Limit. The unit is 7.8125mV.
28h
R/W
Temperature sensor 1 High Limit. The unit is 1
ºC.
29h
R/W
Temperature sensor 1 Hysteresis Limit. The unit is 1
ºC.
2A h
R/W
Temperature sensor 2 High Limit. The unit is 1
ºC.


Similar Part No. - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75375SG FINTEK-F75375SG Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
F75377R FINTEK-F75377R Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
More results

Similar Description - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F72603R FINTEK-F72603R Datasheet
196Kb / 22P
Fintek ACPI Controller IC Datasheet
logo
Nuvoton Technology Corp...
NCT6686D NUVOTON-NCT6686D Datasheet
4Mb / 287P
HARDWARE DATASHEET(External Architecture)
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
TruTherm Hardware Monitor
logo
SMSC Corporation
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
SST Compliant Hardware Monitor
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
hardware monitor with api
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
logo
SMSC Corporation
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
SST Compliant Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com