Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75373S Datasheet(PDF) 19 Page - Feature Integration Technology Inc.

Part # F75373S
Description  Fintek Hardware Monitor IC Datasheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75373S Datasheet(HTML) 19 Page - Feature Integration Technology Inc.

Back Button F75373S Datasheet HTML 15Page - Feature Integration Technology Inc. F75373S Datasheet HTML 16Page - Feature Integration Technology Inc. F75373S Datasheet HTML 17Page - Feature Integration Technology Inc. F75373S Datasheet HTML 18Page - Feature Integration Technology Inc. F75373S Datasheet HTML 19Page - Feature Integration Technology Inc. F75373S Datasheet HTML 20Page - Feature Integration Technology Inc. F75373S Datasheet HTML 21Page - Feature Integration Technology Inc. F75373S Datasheet HTML 22Page - Feature Integration Technology Inc. F75373S Datasheet HTML 23Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Fintek
Feature Integration Technology Inc.
V0.25P
14
F75373
6.2
Configuration Register
 Index 01h
Power on default <7:0> = 00h
Bit
Name
Attribute
Description
7-2
Reserved
RO
Read back will be 0
1
PIN4_MODE
R/W
Pin 4 mode select, set this bit to 1 will enable PWMOUT2 output, else
if set this bit to 0, pin 4 will be enable the GPIO1 function.(default)
This mode is trappable: When PIN3 trapped to high at power-on,
PIN4 is set to PWMOUT2. When PIN3 trapped to low at power-on,
PIN4 is set to GPIO1.
0
PIN2_MODE
R/W
Pin 2 mode select, set this bit to 1 will enable FANIN2 input, if set this
bit to 0 pin 2 will be enable the GPIO0 function.(default).
This mode is trappable: When PIN3 trapped to high at power-on,
PIN2 is set to FANIN2. When PIN3 trapped to low at power-on, PIN2
is set to GPIO0.
6.3
Configuration Register
 Index 02h
Power on default <7:0> = 00h
Bit
Name
Attribute
Description
7-6
PIN5_MODE
R/W
00: pin5 function is GPIO2
01: pin5 is used as SMI
10: pin5 is used as Fan fault function
11: LED out(1Hz/0.5Hz select by bit2)
5
SMI_MODE
R/W
If set to 0, SMI will be level mode else if this bit set to 1, SMI will be
pulse mode.
4
SMI_LEVEL
R/W
When set this bit to 0 SMI is low active (default). if set to 1 SMI is high
active
3
Reserved
R/W
Reserved register
2
LED_FREQ
R/W
When set this bit to 1 fan fault LED output frequency will be 0.5HZ,
else is 1Hz(default)
1
F_FAULT_MOD
E
R/W
When set this bit to 0 the fan fault will be level mod, else if set to 1 the fan
fault will indicate by LED function(1Hz or 0.5Hz) the LED frequency can
set by REG02H bit2


Similar Part No. - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75375SG FINTEK-F75375SG Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
F75377R FINTEK-F75377R Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
More results

Similar Description - F75373S

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
logo
Feature Integration Tec...
F72603R FINTEK-F72603R Datasheet
196Kb / 22P
Fintek ACPI Controller IC Datasheet
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
hardware monitor with api
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
TruTherm Hardware Monitor
logo
SMSC Corporation
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
SST Compliant Hardware Monitor
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
SST Compliant Hardware Monitor
logo
Nuvoton Technology Corp...
NCT6686D NUVOTON-NCT6686D Datasheet
4Mb / 287P
HARDWARE DATASHEET(External Architecture)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com