Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75373S Datasheet(PDF) 14 Page - Feature Integration Technology Inc.

Part # F75373S
Description  Fintek Hardware Monitor IC Datasheet
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75373S Datasheet(HTML) 14 Page - Feature Integration Technology Inc.

Back Button F75373S Datasheet HTML 10Page - Feature Integration Technology Inc. F75373S Datasheet HTML 11Page - Feature Integration Technology Inc. F75373S Datasheet HTML 12Page - Feature Integration Technology Inc. F75373S Datasheet HTML 13Page - Feature Integration Technology Inc. F75373S Datasheet HTML 14Page - Feature Integration Technology Inc. F75373S Datasheet HTML 15Page - Feature Integration Technology Inc. F75373S Datasheet HTML 16Page - Feature Integration Technology Inc. F75373S Datasheet HTML 17Page - Feature Integration Technology Inc. F75373S Datasheet HTML 18Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Fintek
Feature Integration Technology Inc.
V0.25P
9
F75373
5.4.3
Fan speed control mechanism
There are 3 modes to control fan speed and they are manual, fan speed mode and temperature mode. For manual
mode, it generally acts as PWM fan speed control. As for speed mode and temperature mode, they are more
intelligent fan speed control and described as below:
5.4.3.1 Fan Speed mode
Fan speed mode is an intelligent method according to expected fan speed pre-setting by BIOS.
In the beginning, fan speed
will operate at full speed and the F75373S will get the full speed count value. Then fan speed slows down to rotate
at about 72.5% (8/11) of full speed. After that, the fan speed will automatically rotate according to the expected fan
speed setting by BIOS. The register CR74h and CR75h are used for this mode.
5.4.3.2 Temperature mode
At this mode, F75373S provides the clever system to automatically control fan speed related to temperature of
GPU or the system. The F75373S can provide four temperature boundaries and five intervals, and each interval
has its related fan speed count. All these values should be set by BIOS first. Take figure 5-11 as example. When
temperature setting value is 45,55,65, and 75
°C. There are five intervals and each interval is 10°C. The related
desired fan speed counts for each interval are 0500h, 0400h, 0300h, 0200h, 0100h. When the temperature is
within 55~65
°C, the fan speed count 300h will be load into FAN EXPECT COUNTregisters(CR74h~CR75h,
CR84h~CR85h). Then, F75373S will adjust PWMOUT duty-cycle to make fan speed match the expected value. It
can be said that the fan will be turned on with a specific speed set by BIOS and automatically controlled with the
temperature varying. The F75373S will take charge of all the fan speed control and need no software support.
Desired Counts
0100h
0200h
0300h
0400h
0500h
75 Degree C
65 Degree C
55 Degree C
45 Degree C
Figure 5-11


Similar Part No. - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
   Fintek Hardware Monitor IC Datasheet
F75375SG FINTEK-F75375SG Datasheet
1Mb / 55P
   Fintek Hardware Monitor IC Datasheet
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
   H/W Monitor IC with Automatic Fan Speed Control
F75377R FINTEK-F75377R Datasheet
1Mb / 66P
   H/W Monitor IC with Automatic Fan Speed Control
More results

Similar Description - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
   Fintek Hardware Monitor IC Datasheet
F72603R FINTEK-F72603R Datasheet
196Kb / 22P
   Fintek ACPI Controller IC Datasheet
logo
Nuvoton Technology Corp...
NCT6686D NUVOTON-NCT6686D Datasheet
4Mb / 287P
   HARDWARE DATASHEET(External Architecture)
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
[Old version datasheet]   TruTherm Hardware Monitor
logo
SMSC Corporation
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
   SST Compliant Hardware Monitor
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
   Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
   hardware monitor with api
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
SMSC Corporation
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
   SST Compliant Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com