Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75373S Datasheet(PDF) 13 Page - Feature Integration Technology Inc.

Part # F75373S
Description  Fintek Hardware Monitor IC Datasheet
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75373S Datasheet(HTML) 13 Page - Feature Integration Technology Inc.

Back Button F75373S Datasheet HTML 9Page - Feature Integration Technology Inc. F75373S Datasheet HTML 10Page - Feature Integration Technology Inc. F75373S Datasheet HTML 11Page - Feature Integration Technology Inc. F75373S Datasheet HTML 12Page - Feature Integration Technology Inc. F75373S Datasheet HTML 13Page - Feature Integration Technology Inc. F75373S Datasheet HTML 14Page - Feature Integration Technology Inc. F75373S Datasheet HTML 15Page - Feature Integration Technology Inc. F75373S Datasheet HTML 16Page - Feature Integration Technology Inc. F75373S Datasheet HTML 17Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Fintek
Feature Integration Technology Inc.
V0.25P
8
F75373
FAN Out
+5V
GND
Pull-up resister
4.7K Ohms
+5V
Fan Input
FANIN1
F75373S
1K~2.7K
10K
FAN
Connector
FAN Out
+5V
GND
Pull-up resister < 1K
or totem-pole output
+5V
Fan Input
FANIN1
F75373S
> 1K
.Figure 5-8 Fan with Tach Pull-Up to +5V, or
Totem-Pole Putput and Zener Clamp
3.3V Zener
Figure 5-7. Fan with Tach Pull-Up to +5V, or Totern-Pole
Output and Register Attenuator
Determine the fan counter according to:
RPM
Count
6
10
5
.
1
×
=
In other words, the fan speed counter has been read from register, the fan speed can be evaluated by the following equation. As
for fan, it would be best to use 2 pulses tachmeter output per round.
Count
RPM
6
10
5
.
1
×
=
5.4.2
Fan speed control
The F75373S provides 2 fan PWM speed control. The duty cycle of PWM can be programmed by a 8-bit register which are
defined in the CR76h and CR86h. The default duty cycle is set to 100%, that is, the default 8-bit registers is set to FFh. The
expression of duty can be represented as follows.
%
100
255
Value
Register
bit
-
8
Programmed
(%)
Duty_cycle
×
=
+12V
FAN
R1
R2
NMOS
PNP Transistor
C
+
-
PWM Clock Input
D
S
G
+5V
FAN
R1
R2
NMOS
PNP Transistor
C
+
-
PWM Clock Input
D
S
G
Figure 5-9
Figure 5-10


Similar Part No. - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
   Fintek Hardware Monitor IC Datasheet
F75375SG FINTEK-F75375SG Datasheet
1Mb / 55P
   Fintek Hardware Monitor IC Datasheet
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
   H/W Monitor IC with Automatic Fan Speed Control
F75377R FINTEK-F75377R Datasheet
1Mb / 66P
   H/W Monitor IC with Automatic Fan Speed Control
More results

Similar Description - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
   Fintek Hardware Monitor IC Datasheet
F72603R FINTEK-F72603R Datasheet
196Kb / 22P
   Fintek ACPI Controller IC Datasheet
logo
Nuvoton Technology Corp...
NCT6686D NUVOTON-NCT6686D Datasheet
4Mb / 287P
   HARDWARE DATASHEET(External Architecture)
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
[Old version datasheet]   TruTherm Hardware Monitor
logo
SMSC Corporation
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
   SST Compliant Hardware Monitor
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
   Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
   hardware monitor with api
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
SMSC Corporation
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
   SST Compliant Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com