Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75373S Datasheet(PDF) 12 Page - Feature Integration Technology Inc.

Part # F75373S
Description  Fintek Hardware Monitor IC Datasheet
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75373S Datasheet(HTML) 12 Page - Feature Integration Technology Inc.

Back Button F75373S Datasheet HTML 8Page - Feature Integration Technology Inc. F75373S Datasheet HTML 9Page - Feature Integration Technology Inc. F75373S Datasheet HTML 10Page - Feature Integration Technology Inc. F75373S Datasheet HTML 11Page - Feature Integration Technology Inc. F75373S Datasheet HTML 12Page - Feature Integration Technology Inc. F75373S Datasheet HTML 13Page - Feature Integration Technology Inc. F75373S Datasheet HTML 14Page - Feature Integration Technology Inc. F75373S Datasheet HTML 15Page - Feature Integration Technology Inc. F75373S Datasheet HTML 16Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Fintek
Feature Integration Technology Inc.
V0.25P
7
F75373
connected by a serial resistor with 10K Ohm, then connect to VREF (pin13).
5.3.2 Over Temperature Signal (OVT#)
The F75373S can provide two external thermal sensors to detect temperature. When monitored temperature exceeds the
over-temperature threshold value, OVT# will be asserted until the temperature goes below the hysteresis temperature.
THYST
To
OVT#
Figure 5-4
5.4 Fan
5.4.1 Fan speed count
Inputs are provided by the signals from fans equipped with tachometer outputs. The level of these signals should be set to TTL
level, and maximum input voltage cannot be over VCC. If the input signals from the tachometer outputs are over the VCC, the
external trimming circuit should be added to reduce the voltage to obtain the input specification. The normal circuit and
trimming circuits are shown as follows:
FAN Out
+12V
GND
Pull-up resister
4.7K Ohms
+12V
Fan Input
FANIN 1
F75373S
22K~30K
10K
FAN
Connector
FAN Out
+12V
GND
Pull-up resister < 1K
or totem-pole output
+12V
Fan Input
F75373S
> 1K
Figure 5-6 Fan with Tach Pull-Up to +12V, or
Totem-Pole Putput and Zener Clamp
3.3V Zener
Figure 5-5 Fan with Tach Pull-Up to +12V, or Totern-Pole
Output and Register Attenuator
FANIN 1


Similar Part No. - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75375SG FINTEK-F75375SG Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
F75377R FINTEK-F75377R Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
More results

Similar Description - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F72603R FINTEK-F72603R Datasheet
196Kb / 22P
Fintek ACPI Controller IC Datasheet
logo
Nuvoton Technology Corp...
NCT6686D NUVOTON-NCT6686D Datasheet
4Mb / 287P
HARDWARE DATASHEET(External Architecture)
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
TruTherm Hardware Monitor
logo
SMSC Corporation
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
SST Compliant Hardware Monitor
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
hardware monitor with api
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
logo
SMSC Corporation
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
SST Compliant Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com