Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75373S Datasheet(PDF) 9 Page - Feature Integration Technology Inc.

Part # F75373S
Description  Fintek Hardware Monitor IC Datasheet
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75373S Datasheet(HTML) 9 Page - Feature Integration Technology Inc.

Back Button F75373S Datasheet HTML 5Page - Feature Integration Technology Inc. F75373S Datasheet HTML 6Page - Feature Integration Technology Inc. F75373S Datasheet HTML 7Page - Feature Integration Technology Inc. F75373S Datasheet HTML 8Page - Feature Integration Technology Inc. F75373S Datasheet HTML 9Page - Feature Integration Technology Inc. F75373S Datasheet HTML 10Page - Feature Integration Technology Inc. F75373S Datasheet HTML 11Page - Feature Integration Technology Inc. F75373S Datasheet HTML 12Page - Feature Integration Technology Inc. F75373S Datasheet HTML 13Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Fintek
Feature Integration Technology Inc.
V0.25P
4
F75373
5 Functional Description
F75373S is a system hardware monitoring and automatic fan speed controlling IC specific designed for
graphic cards. The chip can monitor up to 4 analog voltage inputs, 2 fan tachometer inputs and 2 remote
temperature sensors. The remote temperature sensor is suggested to be performed by thermistor. The
F75373S can provide automatic fan speed control so that the system can operate at the minimum acoustic
noise. Also the users can set up the upper and lower limits (alarm thresholds) of all monitored parameters and
this chip can also issue warning messages for system protection when there is something wrong with
monitored items.
5.1
Analog Input
For the 8-bit ADC has the 7.8125mv LSB, the maximum input voltage of the analog pin is 2V. Therefore the voltage under 2V
(ex:1.5V) can directly connected to these analog inputs. The voltage higher than 2V should be reduced by a factor with external
resistors so as to obtain the input range. Only 3VCC is an exception for it is main power of the F75373S. Therefore 3VCC can
directly connect to this chip and need no external resistors. There are two functions in this pin with 3.3V. The first function is to
supply internal analog power of the F75373S and the second function is that this voltage with 3.3V is connected to internal serial
resistors to monitor the +3.3V voltage. The internal serial resistors are two 50K ohm, so that the internal reduced voltage is half
+3.3V.
There are four voltage inputs in the F75373S and the voltage divided formula is shown as follows:
2
1
2
3
.
3
R
R
R
V
VIN
V
+
×
=
+
where
V+3.3V is the analog input voltage, for example.
If we choose R1=2K, R2=1K, the exact input voltage for
V+3.3V will be 1.1V, which is within the tolerance.
As for application circuit, it can be refer to the figure shown as follows.


Similar Part No. - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75375SG FINTEK-F75375SG Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
F75377R FINTEK-F75377R Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
More results

Similar Description - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F72603R FINTEK-F72603R Datasheet
196Kb / 22P
Fintek ACPI Controller IC Datasheet
logo
Nuvoton Technology Corp...
NCT6686D NUVOTON-NCT6686D Datasheet
4Mb / 287P
HARDWARE DATASHEET(External Architecture)
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
TruTherm Hardware Monitor
logo
SMSC Corporation
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
SST Compliant Hardware Monitor
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
hardware monitor with api
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
logo
SMSC Corporation
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
SST Compliant Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com