Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75373S Datasheet(PDF) 8 Page - Feature Integration Technology Inc.

Part # F75373S
Description  Fintek Hardware Monitor IC Datasheet
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75373S Datasheet(HTML) 8 Page - Feature Integration Technology Inc.

Back Button F75373S Datasheet HTML 4Page - Feature Integration Technology Inc. F75373S Datasheet HTML 5Page - Feature Integration Technology Inc. F75373S Datasheet HTML 6Page - Feature Integration Technology Inc. F75373S Datasheet HTML 7Page - Feature Integration Technology Inc. F75373S Datasheet HTML 8Page - Feature Integration Technology Inc. F75373S Datasheet HTML 9Page - Feature Integration Technology Inc. F75373S Datasheet HTML 10Page - Feature Integration Technology Inc. F75373S Datasheet HTML 11Page - Feature Integration Technology Inc. F75373S Datasheet HTML 12Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Fintek
Feature Integration Technology Inc.
V0.25P
3
F75373
Monitoring Items and Fan Speed Control
Pin No.
Pin Name
Type
Description
1
FANIN1
INt
0V to +3.3V amplitude fan tachometer input.
GPIO0
INts/OD8
(Default)
General purpose I/O pin. Default Open drain
2
FANIN2
INt
0V to +3.3V amplitude fan tachometer input.
PWMOUT1
O12
Fan speed control pin.
3
ADDR_TRAP
INtsd100k
Address power on trapping pin. Internal pull down100k ohm
GPIO1
INts/OD12
(Default) General purpose I/O pin. Default Open drain
4
PWMOUT2
O12
Fan speed control pin.
10
VIN3
AIN
0V to 2.048V FSR Analog Inputs
11
VIN2
AIN
0V to 2.048V FSR Analog Inputs
12
VIN1
AIN
0V to 2.048V FSR Analog Inputs
14
VT2
AIN
Thermistor 2 terminal input
15
VT1
AIN
Thermistor 1 terminal input.
Alert Signals and Others
Pin No.
Pin Name
Type
Description
GPIO2
INts/OD16
(Default) General purpose I/O function. Default pure open drain
SMI#
OD16
System management interrupt (Pure Open Drain)
5
FAN_FAULT#
OD16
This pin will be a logic LOW when the fan speed is abnormal.
GPIO3
INts/OD8
(Default) General purpose I/O function. Default Open drain
OVT#
OD8
Active-Low output. This pin will be a logic LOW when the temperature
exceeds its limit.
6
VOLT_FAULT#
OD8
Active-Low output. This pin will be a logic LOW when the voltage exceeds
its limit.
13
VREF
AOUT
Reference Voltage. 2.304v
Serial Bus Control Pin
Pin No.
Pin Name
Type
Description
8
SDATA
INts/OD12
Serial Bus data.
7
SCLK
INts
Serial Bus clock.


Similar Part No. - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75375SG FINTEK-F75375SG Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
F75377R FINTEK-F75377R Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
More results

Similar Description - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F72603R FINTEK-F72603R Datasheet
196Kb / 22P
Fintek ACPI Controller IC Datasheet
logo
Nuvoton Technology Corp...
NCT6686D NUVOTON-NCT6686D Datasheet
4Mb / 287P
HARDWARE DATASHEET(External Architecture)
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
TruTherm Hardware Monitor
logo
SMSC Corporation
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
SST Compliant Hardware Monitor
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
hardware monitor with api
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
logo
SMSC Corporation
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
SST Compliant Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com