Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F75373S Datasheet(PDF) 6 Page - Feature Integration Technology Inc.

Part # F75373S
Description  Fintek Hardware Monitor IC Datasheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75373S Datasheet(HTML) 6 Page - Feature Integration Technology Inc.

Back Button F75373S Datasheet HTML 2Page - Feature Integration Technology Inc. F75373S Datasheet HTML 3Page - Feature Integration Technology Inc. F75373S Datasheet HTML 4Page - Feature Integration Technology Inc. F75373S Datasheet HTML 5Page - Feature Integration Technology Inc. F75373S Datasheet HTML 6Page - Feature Integration Technology Inc. F75373S Datasheet HTML 7Page - Feature Integration Technology Inc. F75373S Datasheet HTML 8Page - Feature Integration Technology Inc. F75373S Datasheet HTML 9Page - Feature Integration Technology Inc. F75373S Datasheet HTML 10Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Fintek
Feature Integration Technology Inc.
V0.25P
1
F75373
1 General Description
F75373S is a system hardware monitoring and automatic fan speed controlling IC specific designed for
graphic cards etc.. F75373S can monitor several critical hardware parameters of the system, including
voltages, temperatures and fan speeds which are very important for the system to work stably and properly.
An 8-bit analog-to-digital converter (ADC) was built inside F75373S. The chip can monitor up to 4 analog
voltage inputs, 2 fan tachometer inputs and 2 remote temperature sensors. The remote temperature sensor
is suggested to be performed by thermistor. The F75373S can provide automatic fan speed control so that
the system can operate at the minimum acoustic noise. Also the users can set up the upper and lower limits
(alarm thresholds) of all monitored parameters and this chip can also issue warning messages for system
protection when there is something wrong with monitored items.
Through the BIOS or application software, the users can read all the monitored parameters of system all the
time. And a pop-up warning can be also activated when the monitored item was out of the proper/pre-setting
range. The application software could be Fintek's application software MyGuard
TM, or IntelTM LDCM
(LanDesk Client Management), or other management application software. The F75373S is in the package
of 150mil 16-pin SOP and powered by 3.3V.
2 Feature
4 voltage inputs
-- typical for Vcore, VDDQ, and VCC3V etc
Monitor up to 2 remote temperature sensor from remote thermistor
Up to 2 fan speed monitoring input and 2 automatic fan speed control
-- 3 flexible fan control mode: Manual mode, Speed mode and Temperature mode.
Programmable limited and setting points(alert threshold) for all monitored items
Issue FAN_FAULT# or VOLT_FAULT# or OVT# or SMI# signal to activate system protection
Up to 4 general purpose I/O support
2-wire SMBus interface
VCC3V operation and 16SOP package(150mil)
Noted: Patented TW207103 TW207104 TW220442 US6788131 B1


Similar Part No. - F75373S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75375SG FINTEK-F75375SG Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
F75377R FINTEK-F75377R Datasheet
1Mb / 66P
H/W Monitor IC with Automatic Fan Speed Control
More results

Similar Description - F75373S

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
logo
Feature Integration Tec...
F72603R FINTEK-F72603R Datasheet
196Kb / 22P
Fintek ACPI Controller IC Datasheet
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
Fintek Hardware Monitor IC Datasheet
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
hardware monitor with api
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
TruTherm Hardware Monitor
logo
SMSC Corporation
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
SST Compliant Hardware Monitor
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
SST Compliant Hardware Monitor
logo
Nuvoton Technology Corp...
NCT6686D NUVOTON-NCT6686D Datasheet
4Mb / 287P
HARDWARE DATASHEET(External Architecture)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com