Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F72820 Datasheet(PDF) 14 Page - Feature Integration Technology Inc.

Part # F72820
Description  Synchronous Buck PWM DC-DC Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F72820 Datasheet(HTML) 14 Page - Feature Integration Technology Inc.

Back Button F72820 Datasheet HTML 10Page - Feature Integration Technology Inc. F72820 Datasheet HTML 11Page - Feature Integration Technology Inc. F72820 Datasheet HTML 12Page - Feature Integration Technology Inc. F72820 Datasheet HTML 13Page - Feature Integration Technology Inc. F72820 Datasheet HTML 14Page - Feature Integration Technology Inc. F72820 Datasheet HTML 15Page - Feature Integration Technology Inc. F72820 Datasheet HTML 16Page - Feature Integration Technology Inc. F72820 Datasheet HTML 17Page - Feature Integration Technology Inc. F72820 Datasheet HTML 18Page - Feature Integration Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
F72820
Jul 2007
V0.24P
-11-
F72820
7. Electrical Characteristic
Absolute Maximum Ratings
PARAMETER
SYMBOL
RATINGS
UNIT
IC supply voltage
VCC
7
V
Gate drivers supply voltage
12VCC
15
V
PWM controller outputs
UGATE, LGATE
V
Feedback voltages of both regulators
FB, FB2, COMP
GND - 0.3-17
V
ESD classification
HBM
2
kV
Maximum junction temperature (plastic package)
Tj
150
°C
Maximum storage temperature
TSTO
-65 ~ 150
°C
Maximum lead temperature (soldering 10s)
260
°C
Note: If ICs are stressed beyond the limits listed in the “absolute maximum ratings”, they may be permanently destroyed. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
Package thermal information
PARAMETER
SYMBOL
SOIC
UNIT
Thermal resistance junction-ambient
Rth_ja
133
°C/W
DC and AC electrical characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC SUPPLY CURRENT/Regulated Voltage
Nominal supply current 5VCC
ICC
UGATE, LGATE and DRIVE2 open
2
4
mA
Regulated Voltage from BOOT
VCC
VBOOT = 12V
5.0
5.5
6
V
POWER-ON RESET
Rising VCC threshold
VOCSET = 4.5V
3.8
4.0
V
Falling VCC threshold
VOCSET1 = 4.5V
3.1
3.3
V
Rising VOCSET Threshold
0.8
1.25
2.0
V
OSCILLATOR AND Protection
Free running frequency
FOSC
VCC=5V
250
300
350
kHz
Ramp Amplitude
△VOSC
1.75
*
VP-P
FB Over Voltage Trip
FB Rising
1.0
1.1
1.2
V


Similar Part No. - F72820

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
Synchronous Buck PWM DC-DC Controller
F72814SG FINTEK-F72814SG Datasheet
486Kb / 16P
Synchronous Buck PWM DC-DC Controller
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
F72815SG FINTEK-F72815SG Datasheet
637Kb / 18P
Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
F72830 FINTEK-F72830 Datasheet
743Kb / 23P
Four-Phase Linear Controller with I2C Interface
More results

Similar Description - F72820

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Diodes Incorporated
AP2014 DIODES-AP2014 Datasheet
405Kb / 13P
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
logo
Richtek Technology Corp...
RT9202 RICHTEK-RT9202_07 Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202B RICHTEK-RT9202B Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
5V/12V Synchronous Buck PWM DC/DC Controller
logo
Fitipower Integrated Te...
FP6329 FITIPOWER-FP6329 Datasheet
699Kb / 16P
Synchronous Buck PWM DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com