Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F72820 Datasheet(PDF) 11 Page - Feature Integration Technology Inc.

Part # F72820
Description  Synchronous Buck PWM DC-DC Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F72820 Datasheet(HTML) 11 Page - Feature Integration Technology Inc.

Back Button F72820 Datasheet HTML 7Page - Feature Integration Technology Inc. F72820 Datasheet HTML 8Page - Feature Integration Technology Inc. F72820 Datasheet HTML 9Page - Feature Integration Technology Inc. F72820 Datasheet HTML 10Page - Feature Integration Technology Inc. F72820 Datasheet HTML 11Page - Feature Integration Technology Inc. F72820 Datasheet HTML 12Page - Feature Integration Technology Inc. F72820 Datasheet HTML 13Page - Feature Integration Technology Inc. F72820 Datasheet HTML 14Page - Feature Integration Technology Inc. F72820 Datasheet HTML 15Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
F72820
Jul 2007
V0.24P
-8-
F72820
C
ESR
2
1
SR
tput_Cap_E
Zero_of_Ou
130kHz
Pole_of_EA
LC
2
1
_Filter
Pole_of_LC
Vout
0.8
1.8
5
34dB
in
DC_Loop_Ga
×
×
=
=
=
×
×
=
π
π
comp
Error
Amp
VREF
UGATE
LGATE
VIN
VOUT
L
C
ESR
1.75V
The F72820 Bode plot as shown Figure 9
0.1k
1k
10k
100k
1M
10
20
30
40
Pole of LC Filter
Zero of Cout ESR
Pole of EA
Cout=1000u ( ESR=30m )
Lout=4.7u
Vout=1.6V
Gain ( dB )
f ( Hz )


Similar Part No. - F72820

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
Synchronous Buck PWM DC-DC Controller
F72814SG FINTEK-F72814SG Datasheet
486Kb / 16P
Synchronous Buck PWM DC-DC Controller
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
F72815SG FINTEK-F72815SG Datasheet
637Kb / 18P
Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
F72830 FINTEK-F72830 Datasheet
743Kb / 23P
Four-Phase Linear Controller with I2C Interface
More results

Similar Description - F72820

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Diodes Incorporated
AP2014 DIODES-AP2014 Datasheet
405Kb / 13P
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
logo
Richtek Technology Corp...
RT9202 RICHTEK-RT9202_07 Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9202B RICHTEK-RT9202B Datasheet
197Kb / 14P
Single Synchronous Buck PWM DC-DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
5V/12V Synchronous Buck PWM DC/DC Controller
logo
Fitipower Integrated Te...
FP6329 FITIPOWER-FP6329 Datasheet
699Kb / 16P
Synchronous Buck PWM DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com